Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 3 Page - Microsemi Corporation

  PD70211 Datasheet HTML 1Page - Microsemi Corporation PD70211 Datasheet HTML 2Page - Microsemi Corporation PD70211 Datasheet HTML 3Page - Microsemi Corporation PD70211 Datasheet HTML 4Page - Microsemi Corporation PD70211 Datasheet HTML 5Page - Microsemi Corporation PD70211 Datasheet HTML 6Page - Microsemi Corporation PD70211 Datasheet HTML 7Page - Microsemi Corporation PD70211 Datasheet HTML 8Page - Microsemi Corporation PD70211 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Copyright © 2016
Microsemi
Page 3
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Pin Description (PD70211)
Pin
Number
Designator
Description
1
SUPP_S1
Input pin for sensing the voltage on the diode bridge connected to the data pairs. This pin
along with the SUPP_S2 pin can be used to distinguish between 2-pair and 4-pair operation.
(For PSEs that operate in 4 pairs but do not generate the classification procedure on both
pair but one pair only). Signal is referenced to VPN_IN. Place a 10k resistor in the input of
this pin.
2
SUPP_S2
Input pin for sensing the voltage on the diode bridge connected to the data pairs. This pin
along with the SUPP_S1 pin can be used to distinguish between 2-pair and 4-pair operation.
(For PSEs that operate in 4 pairs but do not generate the classification procedure on both
pair but one pair only) . Signal is referenced to VPN_IN. Place a 10k resistor in the input of
this pin.
3
4P_AT_FLAG
Open Drain Output. The pin gets actively pulled low when a 4-pair version of a (non-
standard) Type 2 PD-PSE mutually identifies each other via classification. There is a
minimum 80 ms delay from the moment that the input capacitor is fully charged to this
signal activity. Signal is referenced to VPN_OUT
4
RREF
Bias current resistor. A 60.4k, 1% resistor is connected between RREF and IC ground
(VPN_IN)
5
RCLASS
Sets the Class of the PD. Connect RCLASS (programming resistor) between this pin and IC
ground (VPN_IN). Allowed values are 133 Ω, 69.8 Ω, 45.3 Ω, and 30.9 Ω for Class 1, 2, 3, and
4 respectively. If RCLASS is not present, the PD will draw up to 3 mA during classification,
thus indicating Class 0 (default Type 1) to the PSE. Signal is referenced to VPN_IN
6
HD_FLAG
Open Drain Output. The pin gets actively pulled low when a 2-pair HDBaseT PD-PSE
mutually identify each other via classification. There is a minimum 80 ms delay from the
moment that the input capacitor is fully charged to this signal activity. Signal is referenced
to VPN_OUT
7
AT_FLAG
Open Drain Output. This pin gets actively pulled low when a Type 2 PD-PSE mutually
identifies each other via classification. There is a minimum 80 ms delay from the moment
that the input capacitor is fully charged to this signal activity. Signal is referenced to
VPN_OUT
8, 9
VPN_IN
Lower rail of the incoming PSE voltage rail – from the negative terminal of the two OR-ed
bridge rectifiers (the corresponding upper PoE rail is VPP)
10, 11
VPN_OUT
This is in effect, the switched ground for establishing continuity to the PWM section after
successful detection, classification, and Power-up. It is connected to the Power ground and
PWM controller IC’s ground plane of the DC-DC converter section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com