Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 9Page - Microsemi Corporation PD70211 Datasheet HTML 10Page - Microsemi Corporation PD70211 Datasheet HTML 11Page - Microsemi Corporation PD70211 Datasheet HTML 12Page - Microsemi Corporation PD70211 Datasheet HTML 13Page - Microsemi Corporation PD70211 Datasheet HTML 14Page - Microsemi Corporation PD70211 Datasheet HTML 15Page - Microsemi Corporation PD70211 Datasheet HTML 16Page - Microsemi Corporation PD70211 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Copyright © 2016
Microsemi
Page 13
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ILOAD
Continuous operation
load
2
A
Undervoltage Lockout
UVLOON
Threshold that marks
start of Inrush phase
36
42
V
UVLOOFF
Threshold where pass-
FET turns off as VPP
collapses
30.5
34.5
V
DC-DC Input Cap Discharger
ICAP_DIS
Discharge current
7V ≤ VPP ≤ 30V
22.8
60
mA
tdis
Discharge time
CDC_DC ≤ 264 μF
(by design, not tested)
500
ms
timerdis
Discharge timer
Time for which discharge
circuit is activated
430
ms
References, Rails and Logic
VAUX
Auxiliary voltage
0mA < IAUX < 4mA
9.8
10.5
12.0
V
IAUX
Max continuous current
from VAUX
4
mA
IAUX_CLIM
Aux current limit
10
32
mA
VREF
Bandgap reference
voltage
1.17
1.2
1.23
V
tFLAG_LO
Low level flag
For AT_FLAG, HD_FLAG,
4P_AT_FLAG,
4P_HD_FLAG, IFLAG= 3mA
0.4
V
IFLAG
Flag Current driving
capability
For AT_FLAG, HD_FLAG,
4P_AT_FLAG, 4P_HD_FLAG
5
mA
tFLAG
Delay timer between
start of inrush and flags
declared
For AT_FLAG, HD_FLAG,
4P_AT_FLAG, 4P_HD_FLAG
80
ms
VSUPP_HI
SUPP_Sx high voltage
threshold
For SUPP_S1 and SUPP_S2
25
35
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com