Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 2Page - Microsemi Corporation PD70211 Datasheet HTML 3Page - Microsemi Corporation PD70211 Datasheet HTML 4Page - Microsemi Corporation PD70211 Datasheet HTML 5Page - Microsemi Corporation PD70211 Datasheet HTML 6Page - Microsemi Corporation PD70211 Datasheet HTML 7Page - Microsemi Corporation PD70211 Datasheet HTML 8Page - Microsemi Corporation PD70211 Datasheet HTML 9Page - Microsemi Corporation PD70211 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Copyright © 2016
Microsemi
Page 6
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Pin
Number
Designator
Description
21
COMP
This is the output of the internal error amplifier, and the input of the PWM comparator. It is
brought out to support isolated topologies because in such cases, there is an error amplifier
already present on the Secondary side (for example a TL431 or equivalent). Therefore we
want to bypass the error amplifier of the converter section. On the other hand, in non-
isolated topologies, we want to use the error amplifier of the converter. We can do that
directly, or through the differential voltage amplifier stage.
22
DAO
This is the output of the internal differential voltage amplifier (gain = 7). When this
amplifier is used, we connect DAO to the feedback pin (FB). We have part of the
compensation network between the two pins, and this network is typical of any Type 3 error
amplifier input, with or without a differential amplifier present.
23
FB
This is the feedback pin of the IC. It is internally compared to a 1.2V reference. If the
internal error amplifier is not used and the COMP pin is being used to inject the error signal
(as in isolated topologies), the FB pin can be either tied high (to VDD), or connected to
COMP.
24
GND
This is the IC ground. In more detail this is the analog (quiet) ground of the IC. Pin 20 is the
Power ground (PGND). Typically, we can connect the analog ground and PGND together on
a copper island on the component side, and then connect that through several vias very
close to the chip on to a large ground plane which extends up to the lower side of the
current sense resistor. All chip decoupling can then be very simply with respect to the
copper island on the component side.
25
VL
This is created by an internal LDO and basically provides a housekeeping rail for the IC itself,
which is 5V with respect to the IC ground. A 1µF ceramic cap placed close to this pin,
connected to IC ground is recommended for proper decoupling. This pin can also provide
up to 5mA for external circuitry if required, thermal aspects (IC dissipation) being
considered.
26
SG
Secondary Gate driver. We can use this to drive a synchronous FET or an active clamp FET.
It is derived from VCC (~ 12V), and has a 10Ω limiting resistor. So it can be used to drive a
Gate-drive transformer directly. It is usually complementary to the Primary Gate driver pin
(PG). But there is a typical 110ns blanking time between the two to prevent cross-
conduction. SG is held firmly low in pulse-skip mode (if allowed). It is also low during soft-
start. It allows forced PWM (continuous conduction) mode by allowing negative inductor
currents. It does not support diode-emulation mode (discontinuous conduction mode).
However, in pulse-skip mode, since SG stays OFF, the converter automatically lapses into
discontinuous conduction mode through the body-diode of the synchronous FET. We can
leave this pin floating if unused.
27
PGND
Power ground (for internal SG and PG drivers). This is also best for VCC decoupling, and the
Primary-side current sense resistor’s lower terminal. We can also combine GND an PGND
on to a single large ground plane. Note that Power ground plane is firmly connected to
VPN_OUT, which is the Drain side of the PD’s low-side pass-FET (it stands for Negative Port
Voltage Out).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com