Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 12 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 8Page - Microsemi Corporation PD70211 Datasheet HTML 9Page - Microsemi Corporation PD70211 Datasheet HTML 10Page - Microsemi Corporation PD70211 Datasheet HTML 11Page - Microsemi Corporation PD70211 Datasheet HTML 12Page - Microsemi Corporation PD70211 Datasheet HTML 13Page - Microsemi Corporation PD70211 Datasheet HTML 14Page - Microsemi Corporation PD70211 Datasheet HTML 15Page - Microsemi Corporation PD70211 Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Copyright © 2016
Microsemi
Page 12
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RDS_DET_OFF
Off-resistance of internal
FET after detection
2
MΩ
IOFFSET_DET
Input offset current
1.1V ≤ VPP ≤ 10.1V, TJ ≤
85°C
5
μA
VR_DET_ON
RDET reconnection
threshold when VPP goes
low
2.8
3.0
4.85
V
Classification phase
VCLS_ON
Classification sink turn-
on threshold
11.4
13.7
V
VCLS_OFF
Classification sink turn-
off threshold
20.9
23.9
V
VHYS_CLS_ON
Hysteresis of VCLS_ON
threshold
1
V
VMARK_TH
Mark detection
threshold (VPP falling)
10.1
11.4
V
IMARK
Current sink in Mark
event region
0.25
4
mA
ICLASS_CLIM
Current limit of class
current
50
68
80
mA
ICLASS
Classification current
sink
RCLASS = not present (Class
0)
3
mA
RCLASS = 133 Ω (Class 1)
9.5
10.5
11.5
RCLASS = 69.8 Ω (Class 2)
17.5
18.5
19.5
RCLASS = 45.3 Ω (Class 3)
26.5
28.0
29.5
RCLASS = 30.9 Ω (Class 4)
38.0
40.0
42.0
Isolation FET
RDSON
On resistance
Total resistance between
VPN_IN to VPN_OUT;
ILOAD < 600mA, -40
oC <T
A <
85
oC
0.3
Ω
ICLIM_INRUSH
Inrush current limit
105
240
325
mA
OCP
Overcurrent protection
2.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com