Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 11 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 7Page - Microsemi Corporation PD70211 Datasheet HTML 8Page - Microsemi Corporation PD70211 Datasheet HTML 9Page - Microsemi Corporation PD70211 Datasheet HTML 10Page - Microsemi Corporation PD70211 Datasheet HTML 11Page - Microsemi Corporation PD70211 Datasheet HTML 12Page - Microsemi Corporation PD70211 Datasheet HTML 13Page - Microsemi Corporation PD70211 Datasheet HTML 14Page - Microsemi Corporation PD70211 Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Copyright © 2016
Microsemi
Page 11
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Operating Ratings (PWM Section)
Performance is generally guaranteed over this range as further detailed below under Electrical
Characteristics. Voltages are with respect to IC ground.
Min
Max
Units
VCC
7.8
20
V
Fsw (adjustable frequency range)
100
500
kHz
Max Duty Cycle
44.5
%
fsw_synch (synchronization frequency range)
200
1000
kHz
Thermal Properties
Thermal Resistance
Min
Typ
Max
Units
θJA
22.3
°C/W
θJP
3
°C/W
θJC
4
°C/W
Note: The Jx numbers assume no forced airflow. Junction Temperature is calculated using TJ = TA + (PD x JA). In particular, θJA is a
function of the PCB construction. The stated number above is for a four-layer board in accordance with JESD-51 (JEDEC).
Electrical Characteristics (Front-End Section)
Unless otherwise specified under conditions, the Min and Max ratings stated below apply over the entire
specified operating ratings of the device. Typ values stated, are either by design or by production testing at
25°C ambient. Voltages are with respect to IC ground (VPN_IN).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage
IIN
IC input current with
ICLASS off
VPP=55V
1
3
mA
Detection phase
VDET
Detection range
1.1
10.1
V
RDET_TH
RDET disconnect
threshold
10.1
12.8
V
RDS_DET_ON
On-resistance of internal
FET during detection
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com