Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 1 Page - Microsemi Corporation

  PD70211 Datasheet HTML 1Page - Microsemi Corporation PD70211 Datasheet HTML 2Page - Microsemi Corporation PD70211 Datasheet HTML 3Page - Microsemi Corporation PD70211 Datasheet HTML 4Page - Microsemi Corporation PD70211 Datasheet HTML 5Page - Microsemi Corporation PD70211 Datasheet HTML 6Page - Microsemi Corporation PD70211 Datasheet HTML 7Page - Microsemi Corporation PD70211 Datasheet HTML 8Page - Microsemi Corporation PD70211 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Copyright © 2016
Microsemi
Page 1
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
f
Description
PD70211 is an advanced PD Interface IC with
integrated switching (PWM) regulator control
for
Powered Devices in PoE applications.
It supports
IEEE802.3af, IEEE802at, HDBaseT and general 2/4-pair
configurations.
The
PD70211
front-end
includes
an
advanced
classification block that supports 2, 3, 4, and 6 event
classification. Using the SUPP_Sx pins, it also identifies
which of the four pairs of the cable actually receives
power and generates appropriate flags.
The IC features an internal bleeder for discharging the
input capacitor of the DC/DC converter rapidly, so as
to ensure fast re-detection and port power-up in case
of sudden removal and re-insertion of the Ethernet
cable into the RJ-45. The advanced PWM current-
mode section supports synchronous Flyback and Active
clamp Forward topologies, as well as Buck, Boost etc.
.
Features
 Supports IEEE802.3af/at, HDBaseT and other 2-
pair/4-pair configurations
 Wall-adapter support (Rear Aux method)
 PD detection & programmable classification
 2,3,4, and 6 event classification
 Integrated 0.3Ω isolating (series-pass) FET
 Inrush current limiting
 Less than 10µA offset current during detection
 Advanced PWM section
 Lead-free MLPQ-36 (6 × 6 mm) package
Applications
 HDBaseT up to 95 Watts
 IEEE802.3af and 802.3at
 Power Forwarding
 Indoor and outdoor PoE
31
VH
32
VAUX_VCC
25 VL
0.1µF/10V
0.1µF/10V
17
SS
0.1µF/10V
VCC
18
RCLP
12
ENABLE
VINS
13
VPP
0.1µF/
25V
10µF/
25V
HYST
14
562k
18.7k
562k
RFREQ
16
49.9k
GND
24
PGND
27
VSN
19
SG
26
CSN
28
Si7852ADP
3A/80V
120µH/1.5A
57V/0.6A
PD70211
(PWM SECTION)
Loop compensation
will need to be
tweaked
PG 30
100
1nF
29
CSP
10
BOOST CONVERTER (FOR 0.6A, PoE Applications)
VSP
20
SYNC
15
DAO
22
RDET
36
24.9k 1%
RCLASS
5
RREF
4
30.9k
243k
EPAD
(Pin 37)
VPN_IN
8 , 9
VPP
35
VPN_OUT 10 , 11
VAUX_VCC
32
WA_EN 33
SUPP_S1 1
AT_FLAG 7
AT_FLAG
SUPP_S2 2
VPN
PD70211
(Front-End SECTION)
FB
23
COMP 21
4 x ERJ-1TYJ2R4U
(Four 2.4Ω/1W)
21.5k
4.99k
237k
2nF
100pF
215k
330pF
330µF/63V/
Aluminum
STAND-ALONE PD SOLUTION FOR POWER FORWARDING
4P_AT_FLAG 3
4P_AT_FLAG
HD_FLAG 6
HD_FLAG
4P_HD_FLAG 34
4P_HD_FLAG
SUPP_S1
SUPP_S2
SUPP_S1
VPortN1
VPortP1
VPN
VPP
SUPP_S2
VPortN2
VPortP2
VPN
VPP
VPN
Figure 1: Typical Applications Diagram (PD70211)


Similar Part No. - PD70211

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD70211 MICROCHIP-PD70211 Datasheet
810Kb / 36P
PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
2020
PD70211 MICROCHIP-PD70211 Datasheet
636Kb / 24P
IEEE짰 802.3af/at PD Front End IC
2020
PD70211 MICROCHIP-PD70211 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
PD70211 MICROCHIP-PD70211 Datasheet
1Mb / 31P
PoE IEEE짰 802.3af/at PD Controller
2020
More results

Similar Description - PD70211

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4275 LINER-LT4275 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LT4275 LINER-LT4275_15 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LT4276 LINER-LT4276_15 Datasheet
442Kb / 26P
LTPoE/PoE/PoE PD Forward/Flyback Controller
logo
Kingtronics Internation...
MMBT9014 KINGTRONICS-MMBT9014 Datasheet
312Kb / 2P
For switching and AF amplifier applications
MMBTSC945 KINGTRONICS-MMBTSC945 Datasheet
449Kb / 2P
For switching and AF amplifier applications
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Microchip Technology
PD70211 MICROCHIP-PD70211 Datasheet
810Kb / 36P
PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
2020
PD70101 MICROCHIP-PD70101 Datasheet
1Mb / 31P
PoE IEEE짰 802.3af/at PD Controller
2020
logo
Guangdong Youtai Semico...
BC847BW UMW-BC847BW Datasheet
712Kb / 5P
For Switching and AF Amplifier Applications
BC857BW UMW-BC857BW Datasheet
601Kb / 5P
For Switching and AF Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com