Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 29 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 29 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 22Page - Microsemi Corporation PD70211 Datasheet HTML 23Page - Microsemi Corporation PD70211 Datasheet HTML 24Page - Microsemi Corporation PD70211 Datasheet HTML 25Page - Microsemi Corporation PD70211 Datasheet HTML 26Page - Microsemi Corporation PD70211 Datasheet HTML 27Page - Microsemi Corporation PD70211 Datasheet HTML 28Page - Microsemi Corporation PD70211 Datasheet HTML 29Page - Microsemi Corporation PD70211 Datasheet HTML 30Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Copyright © 2016
Microsemi
Page 29
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PD70211 Recommended PCB layout
Recommended PCB layout pattern for PD70211 is described in the following figures.
4.2 4.3
0.3
0.5
4.3
4.2
1.0
Figure 9: PD70211 Top layer Copper Recommended PCB Layout (mm)
4.3
0.3
0.5
4.3
1.0
3.9
3.9
1.8
1.8
Solder
past
Solder
mask
Figure 10: PD70211 Top layer Solder Mask, Solder Paste and Vias Recommended PCB Layout (mm)
1.0
3.9
4.2
1.0
0.6
0.6
3.9 4.2
Solder PAD
Solder mask
Solder past
0.3
ᴓ
Figure 11: PD70211 Bottom layer Copper and Solder Paste Recommended PCB Layout for Thermal Pad Array (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com