Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 24 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 24 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 20Page - Microsemi Corporation PD70211 Datasheet HTML 21Page - Microsemi Corporation PD70211 Datasheet HTML 22Page - Microsemi Corporation PD70211 Datasheet HTML 23Page - Microsemi Corporation PD70211 Datasheet HTML 24Page - Microsemi Corporation PD70211 Datasheet HTML 25Page - Microsemi Corporation PD70211 Datasheet HTML 26Page - Microsemi Corporation PD70211 Datasheet HTML 27Page - Microsemi Corporation PD70211 Datasheet HTML 28Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Copyright © 2016
Microsemi
Page 24
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
For example, if we have a Buck application for 5A output, irrespective of the input and output voltage conditions
(as long as they are not violating the min and max duty cycle limits of the converter), and assuming we have
selected inductance appropriately, we should pick a sense resistor of

SENSE
0.138
R
=0.028
5A
We may need to put an adjust resistor in parallel (such as the “22Ω” placeholder) we have shown in all the
typical application schematics.
For a Forward converter (Buck with a transformer), instead of the load current IOR in the above equation, use the
reflected load current of IO/n, where n is the turns ratio (number of Primary-side turns divided by number of
Secondary-side turns). You will also need to lower the sense resistance further (by means of the adjust resistor),
to account for the magnetization current component on the switch side. So roughly:
 P
SENSE
OS
N
0.138
R
(Forward)
IN
For a Boost or Buck-Boost, we have to account for the fact that the peak current is not just 1.3 times max load
current, but is actually

O
PEAK
I
I
1.3
(where D can be as high as 44%)
1D
So we should use the following equation for sense resistor

SENSE
O
O
O
0.18 1 D
0.101
1
R
=
=
1.3 I
1.3 I
13 I
SENSE
O
0.077
R
(Boost, Buck-Boost)
I
For example, if the max load current is 5A, the sense resistor value to use is

SENSE
0.077
R
=0.015
5A
As we can see, this is roughly half of what we got for the Buck (same load current).
For a Flyback topology (Buck-Boost with a transformer), we have to use the reflected output current. So we get:
 P
SENSE
OS
N
0.077
R
(Flyback)
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com