Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 17Page - Microsemi Corporation PD70211 Datasheet HTML 18Page - Microsemi Corporation PD70211 Datasheet HTML 19Page - Microsemi Corporation PD70211 Datasheet HTML 20Page - Microsemi Corporation PD70211 Datasheet HTML 21Page - Microsemi Corporation PD70211 Datasheet HTML 22Page - Microsemi Corporation PD70211 Datasheet HTML 23Page - Microsemi Corporation PD70211 Datasheet HTML 24Page - Microsemi Corporation PD70211 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Copyright © 2016
Microsemi
Page 21
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Setting Soft-Start
A capacitor is connected between SS pin and IC ground. The current charging the capacitor is
SS_CHG
1.2V
I
(in seconds)
RFREQ
For example, if RFREQ=49.9k, we get
 
5
SS_CHG
3
1.2V
I
(in Amperes) = 2.4 10
24 A
49.9 10
So, charging a 0.1µF ceramic cap on the soft-start pin from 0 to 1.2V will take
 

3
SS
SS_CHG
C
V
0.1
1.2
0.12
t
(in seconds) =
(in seconds) =
(in seconds) = 5 10 (in seconds)
5ms
24
24
I
This is the soft-start time in this case.
Setting Pulse-skip Mode threshold
If a programming resistor RCLP is placed between RCLP pin and IC ground, the clamping voltage level is given by
CLP
0.3 RCLP
V
(in Volts)
RFREQ
For example, if RCLP = RFREQ, say both are 49.9k, then the converter will enter pulse skipping when the output
of the current sense amplifier drops to 0.3V. Note that the gain with this current amplifier is 5, so in terms of the
voltage on the sense resistor (input of the current amp), we get 0.3V/5 = 0.06V. Since we usually design the
converter so that its peak is around 0.2V (the peak of Rsense voltage before it starts to current limit), we are
getting a ratio of 0.06V/0.2V = 0.3. In other words, the converter will enter pulse-skipping when the output
current is 30% of the max designed output current.
Setting UVLO/Hysteresis thresholds
Note: A 470k resistor from PG pin to VINS pin is required for guaranteeing proper termination of Gate drive pulse
during UVLO.
Suppose we have a divider connected to input at the VINS pin. Suppose we call the resistors RUPPER and RLOWER.
We also have a hysteresis resistor, RHYST, from the output of the UVLO comparator, which provides positive
feedback on to the VINS pin, as explained in the Pin Description section. So, when the input voltage is rising, in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com