Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 4 Page - Microsemi Corporation

  PD70211 Datasheet HTML 1Page - Microsemi Corporation PD70211 Datasheet HTML 2Page - Microsemi Corporation PD70211 Datasheet HTML 3Page - Microsemi Corporation PD70211 Datasheet HTML 4Page - Microsemi Corporation PD70211 Datasheet HTML 5Page - Microsemi Corporation PD70211 Datasheet HTML 6Page - Microsemi Corporation PD70211 Datasheet HTML 7Page - Microsemi Corporation PD70211 Datasheet HTML 8Page - Microsemi Corporation PD70211 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Copyright © 2016
Microsemi
Page 4
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Pin
Number
Designator
Description
12
ENABLE
A logic-level input to enable the converter. We can pull it constantly up, say with a 100k
resistor to VDD, to forcibly enable the converter. Provided the input supply has exceeded
any applicable UVLO thresholds, of course, as set on the VINS pin or on the VCC pin.
Internally, the ENABLE pin actually goes to the input of an OR-gate, the other input terminal
of which is tied to “POK” – a signal provided by the front-end. If the ENABLE pin is forced
high, the output of the OR-gate goes high and the converter is allowed to start (provided all
UVLO’s are past of course). If the ENABLE pin is held low, the internal node “POK” goes
active high when the PD’s front end conducts (power OK), so the OR-gate goes high once
again. In this case the switching converter turns ON naturally and correctly as required by
the PoE standard. However, for supporting wall-adapters, injecting power after the front-
end (at the input of the converter), we can forcefully turn the converter ON without the
front-end signaling “PGOOD”, by not tying the ENABLE pin low, but by tying it high (to VDD).
That will turn ON the converter irrespective of the state of the front-end (conducting or
not), and whether there is any incoming PoE power or not.
13
VINS
The VINS pin is a programmable UVLO pin. The converter will turn ON provided the voltage
on the VINS pin is above 1.2V (and VCC is not in UVLO, and ENABLE pin is also high –
connected to VDD for example). The converter will stop switching (turn OFF) when the
voltage on the VINS pin falls below 1.2V (or if ENABLE is taken low, or if VCC falls outside its
operating range). Thus by connecting a voltage divider between input rail and IC ground, we
can set the UVLO threshold to enable switching. However, to have a smooth startup, it is
advisable to have some hysteresis too, by means of a resistor between VINS and HYST as
explained below.
14
HYST
This is the output of the UVLO comparator as shown in the Block Diagram. We connect a
“hysteresis resistor” from HYST pin to VINS pin to create positive feedback (and hysteresis).
Initially, as the input voltage is rising, the VINS pin voltage is below 1.2V and so the output of
the UVLO comparator is low, and the hysteresis resistor falls in parallel to the lower resistor
of the UVLO divider placed at the VINS pin, assisting it by pulling down the VINS pin voltage
further. As soon as the rising UVLO threshold is exceeded (VINS > 1.2V), the output of the
UVLO comparator suddenly goes high (up to VDD) and the hysteresis resistor, effectively
comes partially across the upper resistor of the UVLO divider, assisting it in the act of pulling
up on the VINS pin. This feedback therefore increases the voltage on the VINS pin. And so,
now the input rail has to fall to a much lower level to allow the VINS pin voltage to fall below
1.2V. That is how hysteresis is created by positive feedback action through the hysteresis
resistor. The exact math is in the applications information of this datasheet. Note that HYST
pin always toggles high or low depending on whether the voltage on the VINS pin is above
or below 1.2V respectively. This can always be used to simultaneously drive an opto, to
indicate when the input rail is above the programmed rising threshold and when it falls
below the programmed falling threshold.
15
SYNC
Used to synchronize the LX7309 to a frequency higher than its default value as set on RFREQ
pin. The synchronizing clock must be 2x the desired sync frequency, with a maximum
synchronizing clock frequency of 1MHz (for 500kHz PWM frequency). The PG pin’s rising
edge will occur at the same instant as the rising edge of the clock being applied on the SYNC
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com