Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 3Page - Microsemi Corporation PD70211 Datasheet HTML 4Page - Microsemi Corporation PD70211 Datasheet HTML 5Page - Microsemi Corporation PD70211 Datasheet HTML 6Page - Microsemi Corporation PD70211 Datasheet HTML 7Page - Microsemi Corporation PD70211 Datasheet HTML 8Page - Microsemi Corporation PD70211 Datasheet HTML 9Page - Microsemi Corporation PD70211 Datasheet HTML 10Page - Microsemi Corporation PD70211 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Copyright © 2016
Microsemi
Page 7
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Pin
Number
Designator
Description
28
CSN
The negative input of the internal current-sense voltage amplifier. Note that the common-
mode range of the differential current-sense amplifier is 2V and its gain is 5. We can use this
for high-side current sensing up to 2V. It is then placed on the (steady) output side of a Buck
inductor, and the max output voltage is 1.8V for using this type of sensing. Ensure that CSN
is at a lower voltage compared to the positive input of the current-sense amplifier (CSP).
Current sensing can also be implemented in a more basic fashion for “low-side” sensing,
with a resistor in the return (ground) of the Buck. In that case CSN is shown connected to IC
ground. However, to avoid noise from ground bounce, it is best to route this on the PCB in
Kelvin manner to the lower end of the sense resistor. This is important because the peak
operating voltage on the sense resistor is only 200mV and PCB-related noise can cause jitter
in the switching waveform in current-mode control.
29
CSP
The positive input of the internal current-sense voltage amplifier. See discussion for Pin 28
(CSN) above. Note that the output of the current-sense amplifier is amplified 5 times. So a
0.2V current-sense voltage translates to a 1V swing at the input of the PWM comparator.
Higher voltages lead to hiccup mode protection.
30
PG
This stands for Primary Gate driver. We can use this to drive the main FET, and it has a 5 or
10Ω limiting drive resistor switched between a voltage close to VCC rail and the IC ground.
For guaranteeing proper shutdown during OFF time, it is necessary to add a 470k resistor
from PG to VINS, as shown in Figure 1.
31
VH
Internal rail of -5V with respect to VCC, brought out only for decoupling purposes. Connect a
0.1µF ceramic cap very close, from this pin to VAUX_VCC pin.
32
VAUX_VCC
Auxiliary voltage rail from front-end to the VCC (supply) input of the PWM section. The
front-end provides a few mA of startup current for the PWM controller (at typically 10.5V).
Signal is referenced to VPN_OUT and is activated once front end power up sequence is end.
After initial startup of PWM section, a bias winding can be connected to this pin through a
diode, to sustain the PWM section.
33
WA_EN
While this input is low (referenced to VPN_IN) the chip work according to internal flow
diagram. When this input is high, it enable wall adapter feature. Place 100nF/10V capacitor
from WA_EN to VPN_IN pins, locate it close to device. When WA_EN is not used, connect it
to VPN_IN. For further information, refer to External source connected to PD device output.
34
4P_HD_FLAG
Open Drain Output. The pin gets actively pulled low when a 4-pair HDBaseT PD-PSE
mutually identify each other via classification. There is a minimum 80 ms delay from the
moment that the input capacitor is fully charged to this signal activity. Signal is referenced
to VPN_OUT
35
VPP
Upper rail of the incoming PSE voltage rail – from the positive terminal of the two OR-ed
bridge rectifiers (the corresponding lower PoE rail is VPN_IN)
36
RDET
Internally connects to VPN_IN during detection phase and disengages after it is over. A
25KΩ (or 24.9K), 1% resistor is connected between this pin and VPP
37
EPAD
Connected on PCB plane to VPN_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com