Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 18 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 18 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 14Page - Microsemi Corporation PD70211 Datasheet HTML 15Page - Microsemi Corporation PD70211 Datasheet HTML 16Page - Microsemi Corporation PD70211 Datasheet HTML 17Page - Microsemi Corporation PD70211 Datasheet HTML 18Page - Microsemi Corporation PD70211 Datasheet HTML 19Page - Microsemi Corporation PD70211 Datasheet HTML 20Page - Microsemi Corporation PD70211 Datasheet HTML 21Page - Microsemi Corporation PD70211 Datasheet HTML 22Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Copyright © 2016
Microsemi
Page 18
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RSG_HI
Drive resistance when
SG is high
10
Ω
RSG_LO
Drive resistance when
SG is low
10
Ω
tDEAD
Deadtime
PG low to SG high or PG
high to SG low
60
110
190
ns
Logic Levels on VINS and ENABLE
VHI
Input high threshold
2
V
VLO
Input low threshold
0.8
V
Thermal Protection
TSD
Thermal shutdown
(rising)
157
°C
THYST
Thermal shutdown
hysteresis
15
30
°C
Thermal Protection
PD70211 is protected from excessive internal temperatures that may occur during various operating
procedures. Two temperature sensors are located on the chip, monitoring the temperatures of the
following:
 Isolating Switch (pass-FET)
 Classification Current Sink
Each of the over temperature sensor activates a protection mechanism that will disconnect the Isolation
(pass) FET or the classification circuit respectively. This protects the device from being permanently
damaged or even from long-term degradation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com