Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 17 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 17 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 13Page - Microsemi Corporation PD70211 Datasheet HTML 14Page - Microsemi Corporation PD70211 Datasheet HTML 15Page - Microsemi Corporation PD70211 Datasheet HTML 16Page - Microsemi Corporation PD70211 Datasheet HTML 17Page - Microsemi Corporation PD70211 Datasheet HTML 18Page - Microsemi Corporation PD70211 Datasheet HTML 19Page - Microsemi Corporation PD70211 Datasheet HTML 20Page - Microsemi Corporation PD70211 Datasheet HTML 21Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Copyright © 2016
Microsemi
Page 17
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PWM Comparator
VOFFSET
Inserted offset in
inverted input
200
300
mV
VRCLP
Voltage set on RCLP pin
by external resistor to
GND
0
1
V
Current Sense Amplifier
GainCSA
DC Gain
4.75
5
5.25
V
IAUX
Max continuous
current from VAUX
4
mA
VCSA_CMR_MAX
Max input common-
mode range
2
V
tBLANK
Blanking time
50
100
ns
VILIM
Current limit threshold
on output of current
sense amplifier
Where PWM pulses start
to get truncated
1.1
1.2
1.3
V
VILIMHICCUP
Current Limit threshold
on output of current
sense amplifier
capability
Where PWM pulses start
to get omotted in hiccup
mode
1.7
1.8
1.9
V
Differential Voltage Amplifier
GainDA
DC gain of differential
voltage amp
6.68
7.0
7.14
AVUGBW_DA
Unity Gain Bandwidth
of differential voltage
amp
5
MHz
VDA_CMR_MAX
Max of input common-
mode range
3.5
V
Drivers
RPG_HI
Drive resistance when
PG is high
10
Ω
RPG_LO
Drive resistance when
PG is low
5
Ω
tPG_MIN
Minimum on-time of
PG
120
ns
DMAX
PG max duty cycle
44.5
50
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com