Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 16 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 12Page - Microsemi Corporation PD70211 Datasheet HTML 13Page - Microsemi Corporation PD70211 Datasheet HTML 14Page - Microsemi Corporation PD70211 Datasheet HTML 15Page - Microsemi Corporation PD70211 Datasheet HTML 16Page - Microsemi Corporation PD70211 Datasheet HTML 17Page - Microsemi Corporation PD70211 Datasheet HTML 18Page - Microsemi Corporation PD70211 Datasheet HTML 19Page - Microsemi Corporation PD70211 Datasheet HTML 20Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Copyright © 2016
Microsemi
Page 16
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tDISCH
Soft-start discharge FET
on-time
32
Switch
cycles
Switching Frequency and Synchronization
fsw_range
Switching frequency
accuracy
RFREQ=33.2k
285
315
345
kHz
fsync_max
Max synchronization
frequency
1
MHz
VSYNC_HI
SYNC pin high
threshold
2.4
V
VSYNC_LO
SYNC pin low threshold
0.8
V
tsync
Minimum pulse width
of SYNC pulse
100
ns
Dsync_max
Max SYNC pulse duty
cycle
90
%
Error Amplifier
VREF
Reference voltage
1.171
1.200
1.229
V
GainDC_OPL
DC Open-loop gain
Rload=100k
70
100
dB
AVUGBW
Unity Gain Bandwidth
Cload=10pF (By design
only)
2
5
MHz
ICOMP_OUT
Output sourcing
current
0.2V< VCOMP < 1.3V
110
620
µA
ICOMP_IN
Output sinking current
0.2V< VCOMP < 1.3V
145
495
µA
VEA_CMR_MAX
Max of input common-
mode range
2
V
VCLAMP
COMP pin high clamp
1.8
2.1
2.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com