Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 22 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 22 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 18Page - Microsemi Corporation PD70211 Datasheet HTML 19Page - Microsemi Corporation PD70211 Datasheet HTML 20Page - Microsemi Corporation PD70211 Datasheet HTML 21Page - Microsemi Corporation PD70211 Datasheet HTML 22Page - Microsemi Corporation PD70211 Datasheet HTML 23Page - Microsemi Corporation PD70211 Datasheet HTML 24Page - Microsemi Corporation PD70211 Datasheet HTML 25Page - Microsemi Corporation PD70211 Datasheet HTML 26Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Copyright © 2016
Microsemi
Page 22
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
effect the hysteresis resistor is in parallel to the lower resistor RLOWER. When the voltage on the VINS pin rises
above 1.2V, the UVLO comparator flips and the hysteresis resistor appears connected to 5V (output of the UVLO
comparator). The equivalent configurations are shown in Figure 5. After solving the equations, the following
example indicates the set thresholds. The values are as used in Figure 3.

UPPER
LOWER
HYST
LOWER
HYST
LOWER
HYST
LOWER _EQUIV
LOWER
HYST
R
270k; R
8.66k; R
270k
Part 1: (VINS less than 1.2V)
Equivalent lower resistor is a parallel combination of R
and R
RR
8.66k 270k
R
8.391
R
R
8.66k 270k
UPPER
LOWER _EQUIV
UVLO_ UP
LOWER _EQUIV
k
The rising voltage threshold is
RR
270k 8.391k
V
VREF
1.2V
39.8V
R
8.391k
UPPER
UPPER
UVLO_DN
LOWER
HYST
Part 2: (VINS greater than 1.2V)
RR
V
VREF
VDD VREF
VREF
RR
270k
270k
1.2V
3.8V
1.2 34.8V
8.66k
270k
So with the selected resistors, we get a rising threshold of 39.8V, and a falling threshold of 34.8V.
VIN
RUPPER
RLOWER
RHYST
VVINS < 1.2V
Rising Input
VIN
RUPPER
RLOWER
RHYST
VVINS > 1.2V
Falling Input
5V
Figure 5: Equivalent Diagrams for UVLO and Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com