Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 19 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 19 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 15Page - Microsemi Corporation PD70211 Datasheet HTML 16Page - Microsemi Corporation PD70211 Datasheet HTML 17Page - Microsemi Corporation PD70211 Datasheet HTML 18Page - Microsemi Corporation PD70211 Datasheet HTML 19Page - Microsemi Corporation PD70211 Datasheet HTML 20Page - Microsemi Corporation PD70211 Datasheet HTML 21Page - Microsemi Corporation PD70211 Datasheet HTML 22Page - Microsemi Corporation PD70211 Datasheet HTML 23Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Copyright © 2016
Microsemi
Page 19
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Truth Table for Status of Flags
Number of Fingers “N”
(N-Event Classification)
SUPP_S1
SUPP_S2
AT_FLAG
HD_FLAG
4P_AT_FLAG
4P_HD_FLAG
1
X
X
Hi Z
Hi Z
Hi Z
Hi Z
2
H
L
0V
Hi Z
Hi Z
Hi Z
2
L
H
0V
Hi Z
Hi Z
Hi Z
2
H
H
0V
Hi Z
0V
Hi Z
3
L
H
0V
0V
Hi Z
Hi Z
3
H
L
0V
0V
Hi Z
3
H
H
0V
0V
0V
Hi Z
4
X
X
0V
0V
0V
Hi Z
5
RESERVED FOR FUTURE
6
X
X
0V
0V
0V
0V
Wall Adapter mode
PD70211 support wall adapter functionality, i.e. by setting WA_EN pin high it will give priority to the wall
adapter jack to supply the load.
WA_EN pin is used while connecting a wall-adapter voltage between VPP and VPN_OUT by means of an OR-
ing diode.
While WA_EN, Wall-adapter enable pin, is held low (referenced to VPN_IN), the front-end works as a normal
PD.
When WA_EN is raised high (referenced to VPN_IN) three internal operations are forced:
 The Isolation FET is turned OFF.
 All output flags AT_FLAG, HD_FLAG, 4P_AT_FLAG and 4P_HD_FLAG are activated (low state).
 Vaux output voltage is turned ON.
While activating WA_EN pin, the wall-adapter will supply input voltage for the DC-DC converter.
Having WA_EN at high state does not disable detection and classification modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com