Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6245 Datasheet (PDF) - STMicroelectronics

L6245 Datasheet PDF - STMicroelectronics
Part # L6245
Download  L6245 Download
File Size   191.0 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V HARD DISK DRIVE POWER COMBO

L6245 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6245 Datasheet PDF - STMicroelectronics

Part # L6245
Download  L6245 Click to download

File Size   191.0 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V HARD DISK DRIVE POWER COMBO

L6245 Datasheet (HTML) - STMicroelectronics


L6245 Product details

DESCRIPTION
The L6245 contains in a single chip all the functions to operate a sensorless brushless (DC) motor and a voice coil motor, suitable for hard disk drive applications.
The device is configured to interface directly to an 8 bit parallel microprocessor bus, and has a register based architecture to reduce number of interconnection lines. All the positioning loop for sensorless spindle is integrated, including BEMF sensing, digital masking, digital delay and sequencing. All timing function are performed digitally, thus no external filtering components are required.

General
■ +5V OPERATION
■ REGISTER BASED ARCHITECTURE
■ MINIMUM EXTERNAL COMPONENTS
■ SLEEP AND IDLE MODES FOR LOW POWER CONSUMPTION
■ SELECTABLE GAINS FOR BOTH VCM AND SPINDLE Gm LOOP
■ LINEAR CURRENT CONTROL LOOPS FOR BOTH VCM AND SPINDLE
■ 8 BIT D/A FOR ACTUATOR DRIVER AND SPINDLE DRIVER

VCM Driver
■ CURRENT SENSE CONTROL (VOLTAGE PROPORTIONAL TO CURRENT)
■ VOLTAGE SENSE CONTROL (VOLTAGE PROPORTIONAL TO THE VOLTAGE ACROSS THE VCM)
■ TWO CURRENT RANGES FOR SEEKING AND TRACKING
■ INTERNAL REGISTER FOR POWER AMP CONTROL LINES
■ SPEED OUTPUT (VOLTAGE PROPORTIONAL TO BEMF)

Spindle Driver
■ BEMF PROCESSING FOR SENSORLESS MOTOR COMMUTATION
■ PROGRAMMABLE COMMUTATION PHASE DELAY
■ PROGRAMMABLE SLEW-RATE FOR REDUCED EMI
■ 0.7Ω TYP. FOR ANY HALF BRIDGE
■ CROSS CONDUCTION PROTECTION
■ SYNTHESIZED HALL OUTPUT

Other Functions
■ POWER UP SEQUENCING
■ POWER DOWN SEQUENCING
■ LOW VOLTAGE SENSE
■ ACTUATOR RETRACTION
■ DYNAMIC BRAKE
■ THERMAL SHUTDOWN




Similar Part No. - L6245

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L624 CRYDOM-L624 Datasheet
585Kb / 4P
Power Modules
logo
Agilent(Hewlett-Packard...
L6241306 HP-L6241306 Datasheet
197Kb / 2P
Portable Helium Leak Detector
L6241306 HP-L6241306 Datasheet
197Kb / 2P
Portable Dry Helium Leak Detector
L6241306 HP-L6241306 Datasheet
214Kb / 2P
Mobile Helium Leak Detector
L6241306 HP-L6241306 Datasheet
214Kb / 2P
Mobile Helium Leak Detector
More results


Similar Description - L6245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDP01-0512N STMICROELECTRONICS-HDP01-0512N Datasheet
86Kb / 6P
HARD DISK DRIVE POWER SUPPLY PROTECTION
Apr-1999
logo
IBM
09N4268 IBM-09N4268 Datasheet
2Mb / 54P
ThinkPad Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
Read/Write IC for Hard Disk Drive
logo
AAEON Technology
9741666643 AAEON-9741666643 Datasheet
132Kb / 1P
Supports Standard 2.5??Hard Disk Drive
9741692005 AAEON-9741692005 Datasheet
113Kb / 1P
Standard 3.5??IDE Hard Disk Drive
logo
Motorola, Inc
MC34250 MOTOROLA-MC34250 Datasheet
145Kb / 4P
HARD DISK DRIVE READ CHANNEL
logo
Rohm
BD9722FV ROHM-BD9722FV Datasheet
103Kb / 3P
System regulator for hard disk drive systems
logo
Samsung semiconductor
P80 SAMSUNG-P80 Datasheet
596Kb / 36P
HARD DISK DRIVE service manual
logo
Schneider Electric
HMIYHDD01T21 SCHNEIDER-HMIYHDD01T21 Datasheet
136Kb / 2P
Hard disk, Harmony iPC, Drive 1TB Blank
May 6, 2022
HMIYHDD050011 SCHNEIDER-HMIYHDD050011 Datasheet
136Kb / 1P
Hard disk, Harmony iPC, Drive 500Go
May 6, 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com