Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6245 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6245
Description  5V HARD DISK DRIVE POWER COMBO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6245 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6245 Datasheet HTML 2Page - STMicroelectronics L6245 Datasheet HTML 3Page - STMicroelectronics L6245 Datasheet HTML 4Page - STMicroelectronics L6245 Datasheet HTML 5Page - STMicroelectronics L6245 Datasheet HTML 6Page - STMicroelectronics L6245 Datasheet HTML 7Page - STMicroelectronics L6245 Datasheet HTML 8Page - STMicroelectronics L6245 Datasheet HTML 9Page - STMicroelectronics L6245 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ELECTRICAL CHARACTERISTICS (VS = 5V, Tj =25
°C; unless otherwise specified)
Power Supply Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VS
Supply Voltage
VS =VP =VCC
4.5
5.5
V
ID-READY
ID_IDLE
ID_SLEEP
Quiescent Current Dissipation
No load attached VCM and Spin
drivers enab.
VCM driver disabled Spin driver
enabled
VCM and Spin drivers disabled
25
20
4
mA
mA
mA
VCM Driver (Notes 1, 2)
IOS
Maximum Load Current
(Seeking)
Output Devices A, B, E, F (Fig. 1)
0.3
A
IOT
Maximum Load Current
(Traking)
Output Devices C, D (Fig. 1)
0.1
A
RDS(on)
Source & Sink Out ON
Resistance
Output Devices A, B, E, F
Tj = 125
°C (Fig. 1)
1
Ω
RDS(on)
Sink Out On Resistance
Output Devices C, D
Tj = 125
°C (Fig. 1)
2.4
Ω
RDS(on)
Sink Out On Resistance
Parking Device Tj = 125
°C12
Ω
VF
Body Diode Forward Drop
I = 0.3A
1.5
V
Vjump
Jump Discontinuity (**)
Rsense = 2.01
Ω
30
mV
VDB
Deadband Discontinuity (*)
Rsense = 2.01
Ω
6mV
VCMOS
Offset (***)
Rsense = 2.01
Ω
40
mV
(*) The range of input voltages applied to the VCM_CMD pin (with respect to VREF) for which only negligible current is present in the load. This
deadband voltage (VDB) can be expressed either in mV or in LSBs, where one LSB is equal to 11.7mV.
(**) A condition in which the transfer characteristic (i.e., load current vs. VCM_CMD-VREF) exhibits a slope which is significantly grater than the
desired value. The range of currents for which this condition exists is termed IJUMP. This current is referred o the VCM_CMD input according
to the following equation: VJUMP = IJUMP x 3 x RSENSE
In this document, RSENSE is assumed to be 2.01
Ω. VJUMP can be expressed either in mV or in LSBs, where one LSB is equal to 11.7mV.
(***) The value of VCM_CMD (with respect to VREF) for which the load current is zero. In parts which exihibit a DEADBAND dicontinuity, the
offset is defined to be at the midpoint of the deadband region. RSENSE is assumed to br 2.01
Ω.
VCM Current sense amplifier (ISENSE)
Voff
Output Offset Voltage
VCM_RS2 Shorted to GND O/S is
V(Isense) -Vref
–50
50
mV
G
Closed Loop Voltage Gain
3V/V nominal
2.85
3.15
V/V
PSRR
Power Supply Rejection Ratio
at DC
50
dB
BW
Banwwidth
200
KHz
VOR
Output Range
VCC = 4.5V (note 4)
–0.2
3.5
V
VCM Full wave rectifying amplifier
IB
Input Bias Current
VCM_CMD = Vref
2
µA
Iimp
Input Impedance
Impedance seen at VCM_CMD
wrt Vref
5K
Ω
G
Closed Loop Gain
0.320
0.347
V/V
PSRR
Power Supply Rejection Ratio
at DC
50
dB
GBW
Unity Gain Bandwidth
200
KHz
CMR
Input Common Mode Range
VCM_CMD pin
0.3
3.7
V
VOR
Output Range
0
1
V
L6245
6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com