Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6245 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6245
Description  5V HARD DISK DRIVE POWER COMBO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6245 Datasheet(HTML) 4 Page - STMicroelectronics

  L6245 Datasheet HTML 1Page - STMicroelectronics L6245 Datasheet HTML 2Page - STMicroelectronics L6245 Datasheet HTML 3Page - STMicroelectronics L6245 Datasheet HTML 4Page - STMicroelectronics L6245 Datasheet HTML 5Page - STMicroelectronics L6245 Datasheet HTML 6Page - STMicroelectronics L6245 Datasheet HTML 7Page - STMicroelectronics L6245 Datasheet HTML 8Page - STMicroelectronics L6245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PIN DESCRIPTION [Pin Types: I = Input, O = Output, P = Power, A = Analog (passive)]
Power
Pin Number
Pin Name
Pin Type
Description
12, 17
24,
3
VPOWER
VDIG
VCC
P
Positive supply, nominally 5V.
7, 42, 64
GND
P
Ground.
10
VREF
I
All analog signals are referenced to this voltage, nominally 2V.
59
POR
0
POWER ON RESET - Goes low when the supply voltage is below the
VOLTAGE GOOD threshold. POR is an open collector output with an
internal 20k
Ω pull-up.
61
POR_DLY
A
POR DELAY. An external parallel RC network from this pin to ground
sets the time the POR signal stays active after voltage good.
62
POR_FILT
A
An external capacitor from this pin to ground provides filtering for the
VCC sense input of the POR circuit.
5
CPC
A
Charge pump capacitor
6
CPL
A
Charge pump inductor
Microprocessor Interface
Pin Number
Pin Name
Pin Type
Description
25
26
27
28
29
30
31
32
D7
D6
D5
D4
D3
D2
D1
D0
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
An 8-bit bidirectional data bus which is connected to the internal
registers.
38
RD
I
READ A low level on this pin allows the bus to be driven by the IC.
39
WR
I
A low level on WRITE allows the IC to read data from the system bus.
35
MC_CS
I
CHIP SELECT A low level on this pin selects the IC for bus
transactions.
41
SYSCLK
I
Microprocessor clock used for internal timing.
33
34
35
A0
A1
A2
I
I
I
The lowest three bits of the system address bus; used to address
internal registers
37
AS
I
ADDRESS STROBE The address appearing on A [0:2] is latched on
the falling edge of the AS pulse.
43
MC_ERR
O
A maskable interrupt signal which is asserted low when an error flag in
the Status Register is set. The output is open-drain with an internal
20K
Ω pull-up.
40
DTACK
O
An open drain, active low signal used for asynchronous bus
transactions.
Brushless, Sensorless Motor Driver and 8 bit D/A
Pin Number
Pin Name
Pin Type
Description
47
SPIN_DAC
O
The output of an 8 bit D/A used for the command to the spindle driver.
48
SPIN_CMD
I
The input to the spindle driver transconductance amplifier.
45
COIL_CT
I
The center tap of the motor is connected to this pin.
53
57
60
COIL_U
COIL_V
COIL_W
O
The motor coils are driven by these outputs. Back EMF is also sensed
at these pins.
L6245
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com