Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6245 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6245
Description  5V HARD DISK DRIVE POWER COMBO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6245 Datasheet(HTML) 1 Page - STMicroelectronics

  L6245 Datasheet HTML 1Page - STMicroelectronics L6245 Datasheet HTML 2Page - STMicroelectronics L6245 Datasheet HTML 3Page - STMicroelectronics L6245 Datasheet HTML 4Page - STMicroelectronics L6245 Datasheet HTML 5Page - STMicroelectronics L6245 Datasheet HTML 6Page - STMicroelectronics L6245 Datasheet HTML 7Page - STMicroelectronics L6245 Datasheet HTML 8Page - STMicroelectronics L6245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
L6245
5V HARD DISK DRIVE POWER COMBO
PRODUCT PREVIEW
General
+5V OPERATION
REGISTER BASED ARCHITECTURE
MINIMUM EXTERNAL COMPONENTS
SLEEP
AND
IDLE
MODES
FOR
LOW
POWER CONSUMPTION
SELECTABLE GAINS FOR BOTH VCM AND
SPINDLE Gm LOOP
LINEAR CURRENT CONTROL LOOPS FOR
BOTH VCM AND SPINDLE
8 BIT D/A FOR ACTUATOR DRIVER AND
SPINDLE DRIVER
VCM Driver
CURRENT SENSE CONTROL (VOLTAGE
PROPORTIONAL TO CURRENT)
VOLTAGE SENSE CONTROL
(VOLTAGE
PROPORTIONAL
TO
THE
VOLTAGE
ACROSS THE VCM)
TWO CURRENT RANGES FOR SEEKING
AND TRACKING
INTERNAL REGISTER FOR POWER AMP
CONTROL LINES
SPEED
OUTPUT
(VOLTAGE
PROPOR-
TIONAL TO BEMF)
Spindle Driver
BEMF PROCESSING FOR SENSORLESS
MOTOR COMMUTATION
PROGRAMMABLE COMMUTATION PHASE
DELAY
PROGRAMMABLE SLEW-RATE FOR RE-
DUCED EMI
0.7
Ω TYP. FOR ANY HALF BRIDGE
CROSS CONDUCTION PROTECTION
SYNTHESIZED HALL OUTPUT
Other Functions
POWER UP SEQUENCING
POWER DOWN SEQUENCING
LOW VOLTAGE SENSE
ACTUATOR RETRACTION
DYNAMIC BRAKE
THERMAL SHUTDOWN
DESCRIPTION
The L6245 contains in a single chip all the func-
tions to operate a sensorless brushless (DC) mo-
tor and a voice coil motor, suitable for hard disk
drive applications.
The device is configured to interface directly to
an 8 bit parallel microprocessor bus, and has a
register based architecture to reduce number of
interconnection lines. All the positioning loop for
sensorless spindle is integrated, including BEMF
sensing, digital masking, digital delay and se-
quencing. All timing function are performed digi-
tally, thus no external filtering components are re-
quired.
The VCM driver is a transconductance amplifier,
able to provide 2 different current ranges, suitable
for seeking or tracking of the head actuator.
When a low voltage is detected, a monitor, in se-
quence, resets the internal registers, puts in tris-
tate the spindle powers, retracts the actuator, and
applies the dynamic brake of the spindle.
The L6245 is realized in Multipower-BCD 2 tech-
nology, which combine isolate DMOS power tran-
sistors with CMOS and
Bipolar circuits in the
same monolithic layer, and is assembled in a 64-
pin PQFP.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
October 1992
PQFP64
ORDERING NUMBER: L6245
MULTIPOWER BCD TECHNOLOGY
1/15


Similar Part No. - L6245

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L624 CRYDOM-L624 Datasheet
585Kb / 4P
Power Modules
logo
Agilent(Hewlett-Packard...
L6241306 HP-L6241306 Datasheet
197Kb / 2P
Portable Helium Leak Detector
L6241306 HP-L6241306 Datasheet
197Kb / 2P
Portable Dry Helium Leak Detector
L6241306 HP-L6241306 Datasheet
214Kb / 2P
Mobile Helium Leak Detector
L6241306 HP-L6241306 Datasheet
214Kb / 2P
Mobile Helium Leak Detector
More results

Similar Description - L6245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDP01-0512N STMICROELECTRONICS-HDP01-0512N Datasheet
86Kb / 6P
HARD DISK DRIVE POWER SUPPLY PROTECTION
Apr-1999
logo
IBM
09N4268 IBM-09N4268 Datasheet
2Mb / 54P
ThinkPad Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
Read/Write IC for Hard Disk Drive
logo
AAEON Technology
9741666643 AAEON-9741666643 Datasheet
132Kb / 1P
Supports Standard 2.5??Hard Disk Drive
9741692005 AAEON-9741692005 Datasheet
113Kb / 1P
Standard 3.5??IDE Hard Disk Drive
logo
Motorola, Inc
MC34250 MOTOROLA-MC34250 Datasheet
145Kb / 4P
HARD DISK DRIVE READ CHANNEL
logo
Rohm
BD9722FV ROHM-BD9722FV Datasheet
103Kb / 3P
System regulator for hard disk drive systems
logo
Samsung semiconductor
P80 SAMSUNG-P80 Datasheet
596Kb / 36P
HARD DISK DRIVE service manual
logo
Schneider Electric
HMIYHDD01T21 SCHNEIDER-HMIYHDD01T21 Datasheet
136Kb / 2P
Hard disk, Harmony iPC, Drive 1TB Blank
May 6, 2022
HMIYHDD050011 SCHNEIDER-HMIYHDD050011 Datasheet
136Kb / 1P
Hard disk, Harmony iPC, Drive 500Go
May 6, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com