Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6245 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6245
Description  5V HARD DISK DRIVE POWER COMBO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6245 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6245 Datasheet HTML 7Page - STMicroelectronics L6245 Datasheet HTML 8Page - STMicroelectronics L6245 Datasheet HTML 9Page - STMicroelectronics L6245 Datasheet HTML 10Page - STMicroelectronics L6245 Datasheet HTML 11Page - STMicroelectronics L6245 Datasheet HTML 12Page - STMicroelectronics L6245 Datasheet HTML 13Page - STMicroelectronics L6245 Datasheet HTML 14Page - STMicroelectronics L6245 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
REGISTER DEFINITION and 3bit Address Code
Table 1: Status Register (A.C. 001)
Bit
Name
POR Initial
Value
7
6
5
4
3
2
1
0
NC
NC
NC
NC
REVERSE SPIN
OVER TEMP.
SPIN SENSE
OVER VEL SET
1
1
0
1
Table 2: VCM Driver Register (A.C. 010)
Bit
Name
POR Initial
Value
7
6
5
4
3
2
1
0
NC
NC
NC
UNLOAD HD
LOAD HD
ENABLE ISENSE
HIGH GAIN VCM
ENABLE VCM
0
0
0
0
0
Table 3: Spin Control Register (A.C. 011)
Bit
Name
POR Initial
Value
7
6
5
4
3
2
1
0
NC
LINEAR/PWM
INCREMENT STATE
RESET STATE
RUN/SEARCH
UNI/BI
HIGH GAIN SPIN
ENABLE Spin
0
0
0
0
0
0
0
0
Table 4: VCM D/A Register (A.C. 100)
Bit
Name
POR Initial
Value
7
6
5
4
3
2
1
0
Most Significant Bit
Least Significant Bit
0
0
0
0
0
0
0
0
Table 5: Spin D/A Register (A.C. 101)
Bit
Name
POR Initial
Value
7
6
5
4
3
2
1
0
Most Significant Bit
Least Significant Bit
0
0
0
0
0
0
0
0
Table 6: Interrupt Mask Register (A.C. 110)
Bit
Name
POR Initial
Value
7
6
5
4
3
2
1
0
NC
NC
NC
NC
NC
MASK REV Spin
MASK OVER TEMP ERROR
MASK OVER VEL ERROR
0
0
0
Table 7: Phase Delay Register (A.C. 111)
Bit
Name
POR Initial
Value
7
6
5
4
3
2
1
0
NC
NC
NC
NC
Most Significant Bit
Least Significant Bit
0
0
0
0
SYSTEM BUS DESCRIPTION
The system bus is designed as a data acknow-
ledge handshanking bus. At the beginning of the
bus cycle the address and chip select are de-
coded transparently and qualified with read or
write going low. On a read operation, data must
not be driven for 5nsec after read goes low to al-
low the bus to clear. Once data is driven, data ac-
knowledge is driven low to notify the processor
that data is on the bus and ready to be read. The
processor reads the data and responds by raising
read. This is an indication that the processor has
compleated the read and cycle is complete. Data
acknowledge and data must go to high im-
pedence within 20ns to clear the bus for the next
L6245
11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com