Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6245 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6245
Description  5V HARD DISK DRIVE POWER COMBO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6245 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6245 Datasheet HTML 7Page - STMicroelectronics L6245 Datasheet HTML 8Page - STMicroelectronics L6245 Datasheet HTML 9Page - STMicroelectronics L6245 Datasheet HTML 10Page - STMicroelectronics L6245 Datasheet HTML 11Page - STMicroelectronics L6245 Datasheet HTML 12Page - STMicroelectronics L6245 Datasheet HTML 13Page - STMicroelectronics L6245 Datasheet HTML 14Page - STMicroelectronics L6245 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
cycle. On a write operation, following write going
low and whatever setup time required to latch
data, data acknwledge is driven low. This notifies
the processor that the cycle can end. This proces-
sor responds by raising write, indicating the end
of the cycle. Data acknowledge must go to high
impedance within 20nsec to clear the bus for the
next cycle.
This handshaking design allows a peripheral to
control the length of the bus cycle. The peripheral
can take as much time as it needs to drive data
onto the bus, then drive DTACK low. Likewise,
the peripheral can wait as long as it needs to set
up data and latch it (or set up data if WR is used
to latch), then drive DTACK low. However, per-
formance is an issue, so even though this control
has been given to the peripheral, it must not be
abused. All delays are minimized to assure opti-
mum system speed, infact the bus can be driven
synchronously (E.G. has regarding DTACK) when
procesor clocks below 12MHz are used.
Figure 1: System Bus Timing (see Table 8)
Table 8: System Bus Timing
Symbol
Description
TAS
Address Setup Time (non MUX bus; (MUX bus)
TCS
System Select to Address Strobe
TASW
Address Strobe Width
TASRD
Address Strobe to RD
TRDDV
RD to Data Driven
TRDDH
Read Data Hold
TRDCS
RD High to CS High
TDVDT
Data Valid to DTACK
TDTRD
DTACK to RD High
TRDDT
RD High to DTACH High
TASWR
Address Strobe to WR
TDVWR
Write Data Valid to WR
TWRDTL
WR to DTACK
TDTWR
DTACK to WR High
TWRCS
WR High to CS High
TWRDT
WR High to DTACK High
TWRDH
Write Data Hold
L6245
12/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com