Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6245 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6245
Description  5V HARD DISK DRIVE POWER COMBO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6245 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6245 Datasheet HTML 3Page - STMicroelectronics L6245 Datasheet HTML 4Page - STMicroelectronics L6245 Datasheet HTML 5Page - STMicroelectronics L6245 Datasheet HTML 6Page - STMicroelectronics L6245 Datasheet HTML 7Page - STMicroelectronics L6245 Datasheet HTML 8Page - STMicroelectronics L6245 Datasheet HTML 9Page - STMicroelectronics L6245 Datasheet HTML 10Page - STMicroelectronics L6245 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
VCM DAC (Notes 5, 6)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Res
Resolution
8
bit
N.L.
Differential Nonlinearity
±0.5
LSB
I.N.L.
Integral Nonlinearity
±0.5
LSB
CT
Conversion Time
From 50% point of WR falling to
1% settling
2
µs
ZO
Output Z
100
Ω
FSTC
Full Scale Temp. Coeff.
200
ppm/
°C
VOH
High Output Voltage
Relative to Vref Input Code = 7Fh
1.46
1.52
V
VOL
Low Output Voltage
Relative to Vref Input Code = 80h
–1.53
–1.47
V
VZSO
Zero Scale Offset
Relative to Vref Input Code = 00
±10
mV
Over velocity detector, coil voltage sense amplifier
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VO
Output Offset Voltage
VCM+ = VCM–, within input
common mode range.
Measure wrt to Vref
–50
+50
mV
IBC
Input Bias Current
(Note 3)
10
µA
G
Closed Loop Voltage Gain
Av = 0.25V/V nominal
0.242
0.258
V/V
PSRR
Power Supply Rejection Ratio
at DC
50
dB
BW
Bandwidth
200
KHz
CMR
Input Common Mode Range
Above and below these values
the op amp will be in saturation
and will not invert sign.
0VPOWER
V
VDR
Input Differential Range
0
VPOWER
V
VOR
Output Range
0.3
3.5
V
IO
Output Current
æ400
µA
Over velocity detector, coil current sense amplifier
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VO
Output Offset Voltage
VCM_RS1 shorted to GND for:
(a) VCM_CMD < Vref and
b) VCM_CMD > Vref. Measure wrt
Vref
–50
+50
mV
G
Closed Loop Voltage Gain
Av = 2.5V/V nominal
2.425
2.575
V/V
PSRR
Power Supply Rejection Ratio
at DC
50
dB
Bw
Bandwidth
200
KHz
CMR
Input Common Mode Range
–0.1
2
V
VR
Output Range
0.5
3.5
V
IO
Output Current
+400
mA
L6245
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com