Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6245 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6245
Description  5V HARD DISK DRIVE POWER COMBO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6245 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6245 Datasheet HTML 4Page - STMicroelectronics L6245 Datasheet HTML 5Page - STMicroelectronics L6245 Datasheet HTML 6Page - STMicroelectronics L6245 Datasheet HTML 7Page - STMicroelectronics L6245 Datasheet HTML 8Page - STMicroelectronics L6245 Datasheet HTML 9Page - STMicroelectronics L6245 Datasheet HTML 10Page - STMicroelectronics L6245 Datasheet HTML 11Page - STMicroelectronics L6245 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
Over velocity detector, summing amplifier
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VO
Input Offset Voltage
10
mV
IBC
Input Bias Current
1
µA
G
Open Loop Gain
60
dB
PSRR
Power Supply Rejection Ratio
at DC
50
dB
GBW
Unity Gain Bandwidth
200
KHz
VR
Output Range
0.5
3.5
V
IO
Output Current
+400
µA
Over velocity detector, window comparator
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
tS
Switching Time
50
µs
VTL
Low Threshold
Relative to Vref
–1.32
–1.18
V
VTH
High Threshold
Relative to Vref
1.18
1.32
V
Solenoid pre-driver (Note 7)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
IOH
Output Current
VOH = 1.5V, VCC = 4.4V
10
mA
Three phase sensorless motor driver
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
IO
Max. Load Current
0.5
A
RDS(on)
Out On Resistance
Tj = 125
°C
0.75
Ω
dV/dt
Slew Rate
0.05
V/
µs
VF
Body Diode Forward Drop
I = 0.5A
1.2
V
Motor Current Sense Amplifier
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
IBC
Input Bias Current
1
µA
G
Closed Loop Voltage Gain
Low Gain mode
High Gain mode
19.4
4.85
20.6
5.15
V/V
V/V
PSRR
Power Supply Rejection Rate
at DC
50
dB
BW
Bandwidth
200
KHz
IO
Output Range
0
3.2
V
Spin DAC (Notes 8, 9)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Res
Resolution
8
bit
NL
Differential Nonlinearity
±0.5
LSB
INL
Integral Nonlinearity
±0.5
LSB
CT
Conversion Time
From 50% point of –WR falling to
1% settling
5
µs
Zo
Output Z
14
K
Ω
FSTC
Full Scale Temp. Coeff.
200
ppm/
°C
VOH
High Output Voltage
2.85
3.15
V
VOL
Low Output Voltage
Unloaded
0
20
mV
L6245
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com