Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6245 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6245
Description  5V HARD DISK DRIVE POWER COMBO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6245 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6245 Datasheet HTML 7Page - STMicroelectronics L6245 Datasheet HTML 8Page - STMicroelectronics L6245 Datasheet HTML 9Page - STMicroelectronics L6245 Datasheet HTML 10Page - STMicroelectronics L6245 Datasheet HTML 11Page - STMicroelectronics L6245 Datasheet HTML 12Page - STMicroelectronics L6245 Datasheet HTML 13Page - STMicroelectronics L6245 Datasheet HTML 14Page - STMicroelectronics L6245 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
THERMAL CHARACTERISTICS
On the application, the L6245 must be soldered
on a PCB system. The Traks Area, depending on
the lenght and the width of each track, must be
between 2 to 10 square mm. An area of 10 mm
2
can give a typ. Thermal Resistance Junction-to-
Ambient value of 85
°C/W (See Fig. 2): this value
refer3 to a Total Power Dissipated Power of 1W.
Fig. 9 shows the increase of the Rth j-amb when
the Dissipated Power decreases.
Practically, very useful information is the change
of the thermal resistance (Thermal Impedance)
versus a single pulse of power width or versus the
time the dissipation begins.
Fig. 4 shows this Thermal Impedance trend.
Figure 2: Typical Rth j-amb vs. Tracks Area on PCB
Figure 3: Typical Junction-to-Ambient Thermal
Resistance vs. Total Dissipated
Power. (L6245 mounted on a typical
PCB)
Figure 4: Typical Transient Thermal Impedance
vs. Time or Pulse Width. (L6245
mounted on a typical PCB)
L6245
13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com