Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6245 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6245
Description  5V HARD DISK DRIVE POWER COMBO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6245 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6245 Datasheet HTML 7Page - STMicroelectronics L6245 Datasheet HTML 8Page - STMicroelectronics L6245 Datasheet HTML 9Page - STMicroelectronics L6245 Datasheet HTML 10Page - STMicroelectronics L6245 Datasheet HTML 11Page - STMicroelectronics L6245 Datasheet HTML 12Page - STMicroelectronics L6245 Datasheet HTML 13Page - STMicroelectronics L6245 Datasheet HTML 14Page - STMicroelectronics L6245 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
A
A2
A1
C
16
17
32
33
48
49
64
D3
D1
D
e
1
K
PQFP64
Seating Plane
0.10mm
PQFP64 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.40
0.134
A1
0.25
0.010
A2
2.55
2.80
3.05
0.100
0.110
0.120
B
0.30
0.45
0.0118
0.0177
C
0.13
0.23
0.005
0.009
D
16.95
17.20
17.45
0.667
0.677
0.687
D1
13.90
14.00
14.10
0.547
0.551
0.555
D3
12.00
0.472
e
0.80
0.0315
E
16.95
17.20
17.45
0.667
0.677
0.687
E1
13.90
14.00
14.10
0.547
0.551
0.555
E3
12.00
0.472
K
0°(min.), 7°(max.)
L
0.65
0.80
0.95
0.026
0.0315
0.0374
L1
1.60
0.063
L6245
14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com