Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6245 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6245
Description  5V HARD DISK DRIVE POWER COMBO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6245 Datasheet(HTML) 3 Page - STMicroelectronics

  L6245 Datasheet HTML 1Page - STMicroelectronics L6245 Datasheet HTML 2Page - STMicroelectronics L6245 Datasheet HTML 3Page - STMicroelectronics L6245 Datasheet HTML 4Page - STMicroelectronics L6245 Datasheet HTML 5Page - STMicroelectronics L6245 Datasheet HTML 6Page - STMicroelectronics L6245 Datasheet HTML 7Page - STMicroelectronics L6245 Datasheet HTML 8Page - STMicroelectronics L6245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vds sus
Peak Output Sustaining Voltage
14
V
VP; Vcc
Supply Voltage
Power (VP)
Logic (VCC)
8
6
V
V
Vi
Logic input Voltage
0 to 6
V
Vcp
Charge Pump Input Voltage
18
V
Ip
Sink-Source Peak Output Current
1.5
A
IO
Sink-Source DC Output Current
1
A
Ptot
Total Power Dissipation (Tamb =60
°C)
1
W
Tstg, Tj
Storage and Junction Temperature
–40 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rthj-amb
Thermal Resistance Junction-ambient (*)
max.
90
°C/W
(*) Mounted on a typical PCB layout (see Fig. 7)
L6245
3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com