Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet (PDF) - Analog Devices

MAX9708 Datasheet PDF - Analog Devices
Part # MAX9708
Download  MAX9708 Download
File Size   561.58 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier

MAX9708 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9708 Datasheet PDF - Analog Devices

Part # MAX9708
Download  MAX9708 Click to download

File Size   561.58 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier

MAX9708 Datasheet (HTML) - Analog Devices


MAX9708 Product details

Features
 2 x 21W Output Power in Stereo Mode
(8Ω, THD = 10%)
 1 x 42W Output Power in Mono Mode
(4Ω, THD = 10%)
 High Efficiency: Up to 87%
 Filterless Class D Amplifier
 Unique Spread-Spectrum Mode
 Programmable Gain (+22dB, +25dB, +29.5dB,
+36dB)
 High PSRR (90dB at 1kHz)
 Differential Inputs Suppress Common-Mode
Noise
 Shutdown and Mute Control
 Integrated Click-and-Pop Suppression
 Low 0.1% THD+N
 Current Limit and Thermal Protection
 Programmable Thermal Flag
 SYNC Input/Output
 Available in Thermally Efficient, Space-Saving
56-Pin TQFN Package




Similar Part No. - MAX9708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9708 MAXIM-MAX9708 Datasheet
781Kb / 24P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9708 MAXIM-MAX9708 Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
MAX9708ECB MAXIM-MAX9708ECB Datasheet
781Kb / 24P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9708ETN MAXIM-MAX9708ETN Datasheet
781Kb / 24P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9708ETN+ MAXIM-MAX9708ETN+ Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
More results


Similar Description - MAX9708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703 Datasheet
2Mb / 21P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
Rev 7; 3/06
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
MAX9708 MAXIM-MAX9708 Datasheet
781Kb / 24P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
logo
Maxim Integrated Produc...
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
MAX9709 MAXIM-MAX9709_V01 Datasheet
1Mb / 20P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com