Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9708 Datasheet(HTML) 2 Page - Analog Devices

  MAX9708 Datasheet HTML 1Page - Analog Devices MAX9708 Datasheet HTML 2Page - Analog Devices MAX9708 Datasheet HTML 3Page - Analog Devices MAX9708 Datasheet HTML 4Page - Analog Devices MAX9708 Datasheet HTML 5Page - Analog Devices MAX9708 Datasheet HTML 6Page - Analog Devices MAX9708 Datasheet HTML 7Page - Analog Devices MAX9708 Datasheet HTML 8Page - Analog Devices MAX9708 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MAX9708
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(PVDD = VDD = +18V, PGND = GND = 0V, CSS = 0.47µF, CREG = 0.01µF, C1 = 0.1µF, C2 = 1µF, RLOAD = ∞, MONO = low (stereo
mode), SHDN = MUTE = high, G1 = low, G2 = high (AV = 22dB), FS1 = FS2 = high (SSM), SYNCIN = low. All load resistors (RL) are
connected between OUT_+ and OUT_-, unless otherwise stated. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA
= +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PVDD, VDD to PGND, GND .......................................-0.3 to +30V
PVDD to VDD ..........................................................-0.3V to +0.3V
OUTR+, OUTR-, OUTL+,
OUTL- to PGND, GND...........................-0.3V to (PVDD + 0.3V)
C1N to GND .............................................-0.3V to (PVDD + 0.3V)
C1P to GND..............................(PVDD - 0.3V) to (CPVDD + 0.3V)
CPVDD to GND ..........................................(PVDD - 0.3V) to +40V
All Other Pins to GND.............................................-0.3V to +12V
Continuous Input Current (except PVDD, VDD, OUTR+,
OUTR-, OUTL+, and OUTL-) ...........................................20mA
Continuous Power Dissipation (TA = +70°C)
56-Pin TQFN (derate 47.6mW/°C above +70°C) ............3.81W
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Thermal Resistance (
θJC)
56-Pin TQFN… .............................................................0.6°C/W
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Inferred from PSRR test
10
18
V
Shutdown Current
ISHDN
SHDN = low
0.1
1
µA
Shutdown to Full Operation
tSON
100
ms
Mute to Full Operation
tMUTE
100
ms
G1 = 0, G2 = 1
50
85
125
G1 = 1, G2 = 1
40
63
90
G1 = 1, G2 = 0
25
43
60
Input Impedance
RIN
G1= 0, G2 = 0
12
21
30
k
Ω
Output Pulldown Resistance
SHDN = GND
600
k
Ω
Output Offset Voltage
VOS
AC-coupled input, measured between
OUT_+ and OUT_-
±30
mV
PVDD = 10V to 18V
68
90
fRIPPLE = 1kHz
90
Power-Supply Rejection Ratio
PSRR
200mVP-P ripple
(Note 2)
fRIPPLE = 20kHz
50
dB
DC, input referred
50
70
Common-Mode Rejection Ratio
CMRR
f = 20Hz to 20kHz, input referred
70
dB
Switch On-Resistance
RDS
One power switch
0.3
0.75
Ω
FS1
FS2
0
0
180
200
220
1
1 (SSM)
200
1
0
160
Switching Frequency
fSW
0
1
250
kHz
Oscillator Spread Bandwidth
FS1 = FS2 = high (SSM)
±2
%
SYNCIN Lock Range
Equal to fSW x 4
600
1200
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com