Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 7 Page - Analog Devices

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9708 Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX9708 Datasheet HTML 3Page - Analog Devices MAX9708 Datasheet HTML 4Page - Analog Devices MAX9708 Datasheet HTML 5Page - Analog Devices MAX9708 Datasheet HTML 6Page - Analog Devices MAX9708 Datasheet HTML 7Page - Analog Devices MAX9708 Datasheet HTML 8Page - Analog Devices MAX9708 Datasheet HTML 9Page - Analog Devices MAX9708 Datasheet HTML 10Page - Analog Devices MAX9708 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
MAX9708
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
7
Maxim Integrated
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER (W)
50
40
30
20
10
20
30
40
50
60
70
80
90
100
10
060
PVDD = 18V,
4
Ω MONO MODE
OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
16
14
12
10
20
30
40
50
60
0
10
18
RL = 4
Ω,
MONO MODE,
10% THD+N
OUTPUT POWER
vs. LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
10
8
6
10
20
30
40
50
60
0
412
MONO MODE,
10% THD+N,
PVDD = 18V
OUTPUT POWER
vs. LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
11
10
9
8
5
10
15
20
25
30
0
712
STEREO MODE,
10% THD+N,
PVDD = 18V
MUTE RESPONSE
MAX9708 toc19
40ms/div
MUTE
5V/div
OUTPUT
50mV/div
SHUTDOWN RESPONSE
MAX9708 toc20
40ms/div
SHDN
5V/div
OUTPUT
50mV/div
Typical Operating Characteristics (continued)
(PVDD = VDD = +18V, PGND = GND = 0V, CSS = 0.47µF, CREG = 0.01µF, C1 = 0.1µF, C2 = 1µF, RLOAD = ∞, SHDN = high, MONO
= low, MUTE = high, G1 = low, G2 = high, FS1 = FS2 = high (SSM), SYNCIN = low. All load resistors (RL) are between OUT_+ and
OUT_-, TA = +25°C, unless otherwise stated.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com