Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 18 Page - Analog Devices

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9708 Datasheet(HTML) 18 Page - Analog Devices

Back Button MAX9708 Datasheet HTML 14Page - Analog Devices MAX9708 Datasheet HTML 15Page - Analog Devices MAX9708 Datasheet HTML 16Page - Analog Devices MAX9708 Datasheet HTML 17Page - Analog Devices MAX9708 Datasheet HTML 18Page - Analog Devices MAX9708 Datasheet HTML 19Page - Analog Devices MAX9708 Datasheet HTML 20Page - Analog Devices MAX9708 Datasheet HTML 21Page - Analog Devices MAX9708 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MAX9708
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
18
Maxim Integrated
Figure 6. Fully Differential Crossover Filters
BIAS
2
3
1
C1
47nF
R3
28k
Ω
R2, 56.2k
Ω
R1
56.2k
Ω
C2
47nF
MAX4478
U1A
BIAS
6
5
7
C3
47nF
R7
28k
Ω
R6, 56.2k
Ω
RIGHT
AUDIO
OUTPUT
RIGHT
AUDIO
INPUT
R5
56.2k
Ω
R4
28k
Ω
C4
47nF
MAX4478
U1B
BIAS
9
10
8
C5
47nF
R10
28k
Ω
R9, 56.2k
Ω
R8
56.2k
Ω
C6
47nF
MAX4478
U1C
BIAS
13
12
14
C7
47nF
R14
28k
Ω
R13, 56.2k
Ω
LEFT
AUDIO
OUTPUT
SUBWOOFER OUTPUT IS
AC-COUPLED TO A
MAX9708 CONFIGURED AS
A MONO AMPLIFIER
NOTE:
OP-AMP POWER PINS OMITTED FOR CLARITY.
ALL RESISTORS ARE 1% OR BETTER.
ALL CAPACITORS ARE 5% OR BETTER.
RIGHT AND LEFT OUTPUTS
ARE AC-COUPLED TO A
MAX9708 CONFIGURED AS
A STEREO AMPLIFIER
SUBWOOFER
AUDIO
OUTPUT
LEFT
AUDIO
INPUT
R12
56.2k
Ω
R11
28k
Ω
C8
47nF
MAX4478
U1D
BIAS
2
3
1
R17
26.1k
Ω
R15
26.1k
Ω
MAX4478
U2A
R16
13k
Ω
C9, 47nF
C10
47nF
R18
7.5k
Ω
BIAS
6
5
7
R21
28k
Ω
R19
26.1k
Ω
MAX4478
U2B
R20
13k
Ω
C11, 47nF
R22
7.5k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com