Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 10 Page - Analog Devices

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9708 Datasheet(HTML) 10 Page - Analog Devices

Back Button MAX9708 Datasheet HTML 6Page - Analog Devices MAX9708 Datasheet HTML 7Page - Analog Devices MAX9708 Datasheet HTML 8Page - Analog Devices MAX9708 Datasheet HTML 9Page - Analog Devices MAX9708 Datasheet HTML 10Page - Analog Devices MAX9708 Datasheet HTML 11Page - Analog Devices MAX9708 Datasheet HTML 12Page - Analog Devices MAX9708 Datasheet HTML 13Page - Analog Devices MAX9708 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MAX9708
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
10
Maxim Integrated
Typical Application Circuits/Functional Diagrams
OUTR+
OUTR-
OUTL-
OUTL+
SYNCIN
INL+
INL-
INR+
INR-
SHDN
G2
G1
SYNCOUT
PGND
RIN
RIN
RIN
RIN
VBIAS
VBIAS
TH0
TH1
TH2
TEMP
CPVDD
PVDD
PVDD
PVDD
PVDD
PVDD
VDD
VDD
C1P
C1N
REG
+
-
LEFT
CHANNEL
+
-
RIGHT
CHANNEL
VDIGITAL
C2
1
μF
C1
0.1
μF
0.1
μF
47
μF*
1
μF
1
μF
1
μF
1
μF
CREG
0.01
μF
CSS
0.47
μF
VDIGITAL
VDIGITAL
VDIGITAL
VDIGITAL
GND
MONO
FS1
FS2
RF
RF
RF
RF
10k
Ω
10k
Ω
14
13
17
16
27
26
30
28
29
18
35
34
33
32
19, 20, 21
8
9
10
51, 52
53, 54
45, 46
47, 48
11
22, 23
2–4, 39–41 49–50
5–7, 36–38
25
15
SS
24
MUTE
31
*ADDITIONAL BULK CAPACITANCE
CONFIGURATION: TQFN STEREO MODE, SSM, INTERNAL OSCILLATOR, GAIN = 22dB, THERMAL SETTING = +120
°C
MAX9708
GAIN
CONTROL
CONTROL
CHARGE
PUMP
REGULATOR
THERMAL SENSOR
MUX
CLASS D
MODULATOR
AND H-BRIDGE
CLASS D
MODULATOR
AND H-BRIDGE
Figure 1. Typical Application and Functional Diagram in Stereo Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com