Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 5 Page - Analog Devices

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9708 Datasheet(HTML) 5 Page - Analog Devices

  MAX9708 Datasheet HTML 1Page - Analog Devices MAX9708 Datasheet HTML 2Page - Analog Devices MAX9708 Datasheet HTML 3Page - Analog Devices MAX9708 Datasheet HTML 4Page - Analog Devices MAX9708 Datasheet HTML 5Page - Analog Devices MAX9708 Datasheet HTML 6Page - Analog Devices MAX9708 Datasheet HTML 7Page - Analog Devices MAX9708 Datasheet HTML 8Page - Analog Devices MAX9708 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER PER CHANNEL (W)
25
20
15
10
5
0.1
1
10
100
0.01
030
PVDD = 18V, 8
Ω
STEREO MODE, 1kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER PER CHANNEL (W)
10
5
0.1
1
10
100
0.01
015
PVDD = 12V,
STEREO MODE,
fIN = 1kHz
RL = 8
Ω
RL = 4
Ω
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
10
100k
1
0.01
PVDD = 18V,
8
ΩSTEREO MODE,
POUT = 8.3W PER
CHANNEL
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER PER CHANNEL (W)
25
20
15
10
5
20
30
40
50
60
70
80
90
100
10
030
PVDD = 18V, 8
Ω
STEREO MODE
OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
16
14
12
5
10
15
20
25
30
0
10
18
RL = 8
Ω
STEREO MODE
10% THD+N
1% THD+N
NO-LOAD SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
20
18
16
14
12
12
14
16
18
20
22
24
10
10
22
STEREO MODE
TA = +25
°C
TA = +85
°C
TA = -40
°C
Typical Operating Characteristics
(PVDD = VDD = +18V, PGND = GND = 0V, CSS = 0.47µF, CREG = 0.01µF, C1 = 0.1µF, C2 = 1µF, RLOAD = ∞, SHDN = high, MONO
= low, MUTE = high, G1 = low, G2 = high, FS1 = FS2 = high (SSM), SYNCIN = low. All load resistors (RL) are between OUT_+ and
OUT_-, TA = +25°C, unless otherwise stated.)
MAX9708
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
5
Maxim Integrated
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
20
18
12
14
16
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
10
22
SHDN = 0
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (W)
50
40
30
20
10
0.1
1
10
100
0.01
060
PVDD = 18V, 4
Ω MONO MODE,
1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com