Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 16 Page - Analog Devices

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9708 Datasheet(HTML) 16 Page - Analog Devices

Back Button MAX9708 Datasheet HTML 12Page - Analog Devices MAX9708 Datasheet HTML 13Page - Analog Devices MAX9708 Datasheet HTML 14Page - Analog Devices MAX9708 Datasheet HTML 15Page - Analog Devices MAX9708 Datasheet HTML 16Page - Analog Devices MAX9708 Datasheet HTML 17Page - Analog Devices MAX9708 Datasheet HTML 18Page - Analog Devices MAX9708 Datasheet HTML 19Page - Analog Devices MAX9708 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MAX9708
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
16
Maxim Integrated
Auxiliary Heatsinking
If operating in higher ambient temperatures, it is possible
to improve the thermal performance of a PC board with
the addition of an external heatsink. The thermal resis-
tance to this heatsink must be kept as low as possible to
maximize its performance. With a bottom-side exposed
pad, the lowest resistance thermal path is on the bottom
of the PC board. The topside of the IC is not a significant
thermal path for the device, and therefore is not a cost-
effective location for a heatsink. If an LC filter is used in
the design, placing the inductor in close proximity to the
IC can help draw heat away from the MAX9708.
Thermal Calculations
The die temperature of a Class D amplifier can be esti-
mated with some basic calculations. For example, the
die temperature is calculated for the below conditions:
•TA = +40°C
•POUT = 16W
• Efficiency (
η) = 87%
•
θJA = 21°C/W
First, the Class D amplifier’s power dissipation must be
calculated:
Then the power dissipation is used to calculate the die
temperature, TC, as follows:
Load Impedance
The on-resistance of the MOSFET output stage in Class
D amplifiers affects both the efficiency and the peak-cur-
rent capability. Reducing the peak current into the load
reduces the I2R losses in the MOSFETs, which increases
efficiency. To keep the peak currents lower, choose the
highest impedance speaker that can still deliver the
desired output power within the voltage swing limits of
the Class D amplifier and its supply voltage.
Although most loudspeakers fall either 4
Ω or 8Ω, there
are other impedances available that can provide a
more thermally efficient solution.
Another consideration is the load impedance across
the audio frequency band. A loudspeaker is a complex
electro-mechanical system with a variety of resonance.
In other words, an 8
Ω speaker usually has 8Ω imped-
ance within a very narrow range. This often extends
well below 8
Ω, reducing the thermal efficiency below
what is expected. This lower-than-expected impedance
can be further reduced when a crossover network is
used in a multidriver audio system.
Systems Application Circuit
The MAX9708 can be configured into multiple amplifier
systems. One concept is a 2.1 audio system (Figure 5)
where a stereo audio source is split into three channels.
The left- and right-channel inputs are highpass filtered
to remove the bass content, and then amplified by the
MAX9708 in stereo mode. Also, the left- and right-chan-
nel inputs are summed together and lowpass filtered to
remove the high-frequency content, then amplified by a
second MAX9708 in mono mode.
The conceptual drawing of Figure 5 can be applied to
either single-ended or differential systems. Figure 6
illustrates the circuitry required to implement a fully
differential filtering system. By maintaining a fully differ-
ential path, the signal-to-noise ratio remains uncompro-
mised and noise pickup is kept very low. However,
keeping a fully differential signal path results in almost
twice the component count, and therefore performance
must be weighed against cost and size.
The highpass and lowpass filters should have different
cutoff frequencies to ensure an equal power response
at the crossover frequency. The filters should be at
-6dB amplitude at the crossover frequency, which is
known as a Linkwitz-Riley alignment. In the example
circuit of Figure 6, the -3dB cutoff frequency for the
highpass filters is 250Hz, and the -3dB cutoff frequency
for the lowpass filter is 160Hz. Both the highpass filters
and the lowpass filters are at a -6dB amplitude at
approximately 200Hz. If the filters were to have the
same -3dB cutoff frequency, a measurement of sound
pressure level (SPL) vs. frequency would have a peak
at the crossover frequency.
The circuit in Figure 6 uses inverting amplifiers for their
ease in biasing. Note the phase labeling at the outputs
has been reversed. The resistors should be 1% or better
in tolerance and the capacitors 5% tolerance or better.
TT
P
C
W
C W
C
C
A
DISS
JA
=+
×
=
° +
× °
=
°
θ
40
24
21
90 4
/.
P
P
P
W
WW
DISS
OUT
OUT
==
=
−−
.
.
η
16
087
16
2 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com