Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9708 Datasheet(HTML) 1 Page - Analog Devices

  MAX9708 Datasheet HTML 1Page - Analog Devices MAX9708 Datasheet HTML 2Page - Analog Devices MAX9708 Datasheet HTML 3Page - Analog Devices MAX9708 Datasheet HTML 4Page - Analog Devices MAX9708 Datasheet HTML 5Page - Analog Devices MAX9708 Datasheet HTML 6Page - Analog Devices MAX9708 Datasheet HTML 7Page - Analog Devices MAX9708 Datasheet HTML 8Page - Analog Devices MAX9708 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
19-3678; Rev 3; 4/13
MAX9708
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
EVALUATION KIT AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
General Description
The MAX9708 mono/stereo, Class D audio power amplifi-
er delivers up to 2 x 21W into an 8
Ω stereo mode and
1 x 42W into a 4
Ω load in mono mode while offering up to
87% efficiency. The MAX9708 provides Class AB amplifi-
er performance with the benefits of Class D efficiency,
eliminating the need for a bulky heatsink and conserving
power. The MAX9708 operates from a single +10V to
+18V supply, driving the load in a BTL configuration.
The MAX9708 offers two modulation schemes: a fixed-
frequency modulation (FFM) mode, and a spread-spec-
trum
modulation
(SSM)
mode
that
reduces
EMI-radiated emissions. The MAX9708 can be synchro-
nized to an external clock from 600kHz to 1.2MHz. A
synchronized output allows multiple units to be cascad-
ed in the system.
Features include fully differential inputs, comprehensive
click-and-pop suppression, and four selectable-gain set-
tings (22dB, 25dB, 29.5dB, and 36dB). A pin-program-
mable thermal flag provides seven different thermal
warning thresholds. Short-circuit and thermal-overload
protection prevent the device from being damaged
during a fault condition.
The MAX9708 is available in a 56-pin TQFN (8mm x
8mm x 0.8mm) package and is specified over the
extended -40°C to +85°C temperature range.
Applications
LCD TVs
PDP TVs
Automotive
PC/HiFi Audio Solutions
Features
o 2 x 21W Output Power in Stereo Mode
(8
Ω, THD = 10%)
o 1 x 42W Output Power in Mono Mode
(4
Ω, THD = 10%)
o High Efficiency: Up to 87%
o Filterless Class D Amplifier
o Unique Spread-Spectrum Mode
o Programmable Gain (+22dB, +25dB, +29.5dB,
+36dB)
o High PSRR (90dB at 1kHz)
o Differential Inputs Suppress Common-Mode
Noise
o Shutdown and Mute Control
o Integrated Click-and-Pop Suppression
o Low 0.1% THD+N
o Current Limit and Thermal Protection
o Programmable Thermal Flag
o SYNC Input/Output
o Available in Thermally Efficient, Space-Saving
56-Pin TQFN Package
CLASS D
MODULATOR
SYNCOUT
TEMP
OUTPUT
PROTECTION
GAIN
CONTROL
FS1, FS2
MAX9708
STEREO MODE
G1, G2
2
SYNC
RIGHT
CHANNEL
LEFT
CHANNEL
MONO
2
TH0, TH1,
TH2
3
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX9708ETN+
-40°C to +85°C
56 TQFN-EP*
T5688-3
MAX9708ETN/V+ -40°C to +85°C
56 TQFN-EP*
T5688-3
Simplified Block Diagram
Ordering Information
+
Denotes lead-free package.
/V denotes an automotive qualified part.
*
EP = Exposed pad.
Pin Configurations appear at end of data sheet.
CLASS D
MODULATOR
SYNCOUT
TEMP
OUTPUT
PROTECTION
GAIN
CONTROL
FS1, FS2
MAX9708
MONO MODE
G1, G2
2
SYNC
AUDIO
INPUT
VDIGITAL
MONO
2
TH0, TH1,
TH2
3


Similar Part No. - MAX9708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9708 MAXIM-MAX9708 Datasheet
781Kb / 24P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9708 MAXIM-MAX9708 Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
MAX9708ECB MAXIM-MAX9708ECB Datasheet
781Kb / 24P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9708ETN MAXIM-MAX9708ETN Datasheet
781Kb / 24P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9708ETN+ MAXIM-MAX9708ETN+ Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
More results

Similar Description - MAX9708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703 Datasheet
2Mb / 21P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
Rev 7; 3/06
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
MAX9708 MAXIM-MAX9708 Datasheet
781Kb / 24P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
logo
Maxim Integrated Produc...
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
MAX9709 MAXIM-MAX9709_V01 Datasheet
1Mb / 20P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com