Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 15 Page - Analog Devices

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9708 Datasheet(HTML) 15 Page - Analog Devices

Back Button MAX9708 Datasheet HTML 11Page - Analog Devices MAX9708 Datasheet HTML 12Page - Analog Devices MAX9708 Datasheet HTML 13Page - Analog Devices MAX9708 Datasheet HTML 14Page - Analog Devices MAX9708 Datasheet HTML 15Page - Analog Devices MAX9708 Datasheet HTML 16Page - Analog Devices MAX9708 Datasheet HTML 17Page - Analog Devices MAX9708 Datasheet HTML 18Page - Analog Devices MAX9708 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
MAX9708
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
15
Maxim Integrated
Sharing Input Sources
In certain systems, a single audio source can be
shared by multiple devices (speaker and headphone
amplifiers). When sharing inputs, it is common to mute
the unused device, rather than completely shutting it
down, preventing the unused device inputs from dis-
torting the input signal. Mute the MAX9708 by driving
MUTE low. Driving MUTE low turns off the Class D out-
put stage, but does not affect the input bias levels of
the MAX9708.
Frequency Synchronization
The MAX9708 outputs up to 21W on each channel in
stereo mode. If higher output power or a 2.1 solution is
needed, two MAX9708s can be used. Each MAX9708
is synchronized by connecting SYNCOUT from the first
MAX9708 to SYNCIN of the second MAX9708 (see
Figure 5).
Supply Bypassing/Layout
Proper power-supply bypassing ensures low-distortion
operation. For optimum performance, bypass PVDD to
PGND with a 0.1µF capacitor as close to each PVDD
pin as possible. A low-impedance, high-current power-
supply connection to PVDD is assumed. Additional bulk
capacitance should be added as required depending
on the application and power-supply characteristics.
GND and PGND should be star-connected to system
ground. For the TQFN package, solder the exposed
paddle (EP) to the ground plane using multiple-plated
through-hole vias. The exposed paddle must be sol-
dered to the ground plane for rated power dissipation
and good ground return. Use wider PC board traces to
lower the parasitic resistance for the high-power output
pins (OUTR+, OUTR-, OUTL+, OUTL-). Refer to the
MAX9708 Evaluation Kit for layout guidance.
Thermal Considerations
Class D amplifiers provide much better efficiency and
thermal performance than a comparable Class AB
amplifier. However, the system’s thermal performance
must be considered with realistic expectations along
with its many parameters.
Continuous Sine Wave vs. Music
When a Class D amplifier is evaluated in the lab, often
a continuous sine wave is used as the signal source.
While this is convenient for measurement purposes, it
represents a worst-case scenario for thermal loading
on the amplifier. It is not uncommon for a Class D
amplifier to enter thermal shutdown if driven near maxi-
mum output power with a continuous sine wave. The
PC board must be optimized for best dissipation (see
the
PC Board Thermal Considerations section).
Audio content, both music and voice, has a much lower
RMS value relative to its peak output power. Therefore,
while an audio signal may reach similar peaks as a
continuous sine wave, the actual thermal impact on the
Class D amplifier is highly reduced. If the thermal per-
formance of a system is being evaluated, it is important
to use actual audio signals instead of sine waves for
testing. If sine waves must be used, the thermal perfor-
mance will be less than the system’s actual capability
for real music or voice.
PC Board Thermal Considerations
The exposed pad is the primary route for conducting
heat away from the IC. With a bottom-side exposed
pad, the PC board and its copper becomes the primary
heatsink for the Class D amplifier. Solder the exposed
pad to a copper polygon. Add as much copper as pos-
sible from this polygon to any adjacent pin on the Class
D amplifier as well as to any adjacent components, pro-
vided these connections are at the same potential.
These copper paths must be as wide as possible. Each
of these paths contributes to the overall thermal capa-
bilities of the system.
The copper polygon to which the exposed pad is
attached should have multiple vias to the opposite side
of the PC board, where they connect to another copper
polygon. Make this polygon as large as possible within
the system’s constraints for signal routing.
Additional improvements are possible if all the traces
from the device are made as wide as possible.
Although the IC pins are not the primary thermal path
out of the package, they do provide a small amount.
The total improvement would not exceed approximately
10%, but it could make the difference between accept-
able performance and thermal problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com