Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet (PDF) - STMicroelectronics

L9935 Datasheet PDF - STMicroelectronics
Part # L9935
Download  L9935 Download
File Size   159.38 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TWO-PHASE STEPPER MOTOR DRIVER

L9935 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9935 Datasheet PDF - STMicroelectronics

Part # L9935
Download  L9935 Click to download

File Size   159.38 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TWO-PHASE STEPPER MOTOR DRIVER

L9935 Datasheet (HTML) - STMicroelectronics


L9935 Product details

Description
The L9935 is a two-phase stepper motor driver circuit suited to drive bipolar stepper motors.
The device can be controlled by a serial interface (SPI). All protections required to design a well protected system (short-circuit, over temperature, cross conduction etc.) are integrated.

Features
■ 2 x 1.1 A full bridge outputs
■ Integrated chopping current regulation
■ Minimized power dissipation during flyback
■ Output stages with controlled output voltage slopes to reduce electromagnetic radiation
■ Short-circuit protection of all outputs
■ Error-flag for over load, open load and over temperature pre alarm
■ Delayed channel switch on to reduce peak currents
■ Max. operating supply voltage 24 V
■ Standby consumption typically 40 µA
■ Serial interface (SPI)




Similar Part No. - L9935

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9935 STMICROELECTRONICS-L9935 Datasheet
376Kb / 29P
Two-phase stepper motor driver
18-Sep-2013
L9935013TR STMICROELECTRONICS-L9935013TR Datasheet
376Kb / 29P
Two-phase stepper motor driver
18-Sep-2013
L9935 STMICROELECTRONICS-L9935_V01 Datasheet
376Kb / 29P
Two-phase stepper motor driver
18-Sep-2013
More results


Similar Description - L9935

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
2-PHASE STEPPER MOTOR DRIVER
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
2-Phase Stepper Motor Driver
logo
STMicroelectronics
AN2839 STMICROELECTRONICS-AN2839 Datasheet
1Mb / 40P
L6228 fully-integrated two-phase stepper motor driver
22-Sep-2009
logo
ON Semiconductor
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
2-phase Stepper Motor Driver
January, 2014 Ver. 2
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
logo
MotionKing Motor Indust...
2L110M MOTIONKING-2L110M Datasheet
272Kb / 5P
TWO-PHASE HYBRID STEPPER MOTOR DRIVER
2L542 MOTIONKING-2L542 Datasheet
229Kb / 5P
TWO-PHASE HYBRID STEPPER MOTOR DRIVER
2LA860 MOTIONKING-2LA860 Datasheet
574Kb / 9P
TWO-PHASE HYBRID STEPPER MOTOR DRIVER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com