Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9935
Description  TWO-PHASE STEPPER MOTOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 2 Page - STMicroelectronics

  L9935 Datasheet HTML 1Page - STMicroelectronics L9935 Datasheet HTML 2Page - STMicroelectronics L9935 Datasheet HTML 3Page - STMicroelectronics L9935 Datasheet HTML 4Page - STMicroelectronics L9935 Datasheet HTML 5Page - STMicroelectronics L9935 Datasheet HTML 6Page - STMicroelectronics L9935 Datasheet HTML 7Page - STMicroelectronics L9935 Datasheet HTML 8Page - STMicroelectronics L9935 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PIN FUNCTIONS
Pin N
o
Name
Description
1,10,11,20
GND
Ground. (All ground pins are internally connected to the frame of the device).
2
OUTA1
Output 1 of full bridge 1
3
SCK
Clock for serial interface (SPI)
4
SDI
Serial data input
5
SDO
Serial data output
6
VCC
5V logic suplly voltage
7
CSN
Chip select (Low active)
8
EN
Enable (Low active)
9
OUTB1
Output 1 of full bridge 2
12
SRB
Cyrrent sense resistor of the chopper regulator for OUTB
13
OUTB2
Output 2 of full bridge 2
14
CDRV
Charge pump buffer capacitor
15
OSC
Oscillator capacitor or external clock
16
VS
Supply voltage
17
NC
Not connected
18
OUTA2
Output of full bridge 1
19
SRA
Current sense resistor of the chopper regulator for OUTA
GND
OUTB1
EN
CSN
VCC
SDI
SDO
SCK
OUTA1
SRA
OUTA2
N.C.
OSC
VS
CDRV
OUTB2
SRB
GND
10
8
9
7
6
5
4
3
2
13
14
15
16
17
19
18
20
12
1
11
GND
GND
D99AT416
PIN CONNECTION
L9935
2/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com