Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9935
Description  TWO-PHASE STEPPER MOTOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 5 Page - STMicroelectronics

  L9935 Datasheet HTML 1Page - STMicroelectronics L9935 Datasheet HTML 2Page - STMicroelectronics L9935 Datasheet HTML 3Page - STMicroelectronics L9935 Datasheet HTML 4Page - STMicroelectronics L9935 Datasheet HTML 5Page - STMicroelectronics L9935 Datasheet HTML 6Page - STMicroelectronics L9935 Datasheet HTML 7Page - STMicroelectronics L9935 Datasheet HTML 8Page - STMicroelectronics L9935 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
COMMON
LOGIC
OSCILLATOR
DIAGNOSTIC
BIASING
DRIVER
LOGIC
DRIVER
LOGIC
~
~
D99AT417
GND
20
1
GND
19
SRA
18
R1 0.33
C1
100nF
COSC
1nF
CDriver
100nF
POWER
SUPPLY
+5V
STEPPER
MOTOR
C2
10
µF
OUTA2
17
N.C.
16
VS
15
OSC
14
CDRV
13
OUTB2
12
SRB
11
GND
OUTA1
2
SCK
SDI
INTERFACE
µC
3
EN
8
CSN
7
VCC
6
SDO
5
SDI
4
OUTB1
9
GND
10
R2 0.33
100nF
Figure 1. General Application Circuit Proposal.
Application hints:
C1 and C2 should be placed as close to the de-
vice as possible. Low ESR of C2 is advanta-
geous. Peak currents through C1 and C2 may
reach 2A. Care should be taken that the reso-
nance of C1, C2 together with supply wire induc-
tances is not the chopping frequency or a multiple
of it.
FUNCTIONAL DESCRIPTION
Basic structure
The L9935 is a dual full bridge driver for inductive
loads with a chopper current regulation.
Outputs
A1 and A2
belong to full bridge A
Outputs
B1 and B2
belong to full bridge B
The polarity of the bridges can be controlled by
bit0 and bit3 (for full bridge A, bit3, for full bridge
B, bit0). Bit5, bit4 (for full bridge A) and bit2, bit1
(for full bridge B) control the currents. Bit3 high
leads to output A1 high. Bit0 high leads to output
B1 high.
Current setting Table 1 using a 0.33W sense re-
sistor.
Table 1.
bit5, bit2
bit4, bit1
IQX (Typ.)
IRX/max
Remark
H
H
L
L
H
L
H
L
0
60mA
550mA
900mA
0%
61%
100%
inernally sensed
L9935
5/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com