Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9935
Description  TWO-PHASE STEPPER MOTOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 11Page - STMicroelectronics L9935 Datasheet HTML 12Page - STMicroelectronics L9935 Datasheet HTML 13Page - STMicroelectronics L9935 Datasheet HTML 14Page - STMicroelectronics L9935 Datasheet HTML 15Page - STMicroelectronics L9935 Datasheet HTML 16Page - STMicroelectronics L9935 Datasheet HTML 17Page - STMicroelectronics L9935 Datasheet HTML 18Page - STMicroelectronics L9935 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
These sequences are intended to give the user a good starting point for his software development. Be-
sides these two there are further possibilities how to implement control sequences for this device (other
currents, quarters step etc.).
SDI
SDO
A
O
P
E
N
B
O
P
E
N
A1
S
H
O
R
T
VS
A2
S
H
O
R
T
VS
B1
S
H
O
R
T
VS
B2
S
H
O
R
T
VS
A1
*)
S
H
O
R
T
GND
A2
*)
S
H
O
R
T
GND
B1
*)
S
H
O
R
T
GND
B2
*)
S
H
O
R
T
GND
therm.
alarm
therm.
shut
down
(reset
operating
codes)
bit
76543210
76543210
76
76
76
76
76
76
76
76
76
76
76
76543210
XX111111
XX011111
XX011111
XX011111
XX011011
XX111011
XX010011
XX010111
XX010010
XX110010
XX011010
XX011110
XX011011
XX111011
XX010011
XX010111
XX010010
XX110010
previous code
11111111
11011111
11011111
11011111
11011111
11011011
11111011
11010011
11010111
11110010
11011010
11011110
11011011
11111011
11010011
11010111
11010010
11
11
11
11
11
01
11
11
11
01
11
11
11
01
11
11
11
11
11
11
11
11
11
11
01
11
11
11
01
11
11
11
01
11
11
11
11
11
11
01
01
01
01
01
11
11
01
01
01
01
01
11
01
01
01
01
01
11
11
11
01
01
01
01
01
11
11
11
11
11
11
11
11
11
11
01
01
01
01
01
11
11
11
01
01
11
11
11
11
01
01
01
01
11
11
11
01
01
01
01
01
11
11
10
10
10
10
01
11
11
11
11
10
01
10
01
11
11
11
11
11
11
11
11
11
10
10
10
01
11
11
11
11
10
10
10
11
11
11
11
10
10
10
01
11
11
11
11
10
10
10
01
11
11
11
11
11
11
11
11
11
10
10
10
01
11
11
11
11
10
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00111111
00111111
00111111
00111111
00111111
00111111
00111111
00111111
00111111
00111111
00111111
00111111
00111111
00111111
00111111
00111111
00111111
Double errors: Double errors will create composite codes by an AND operation between columns of the
same dominance. Open and short to VS are the least dominant error codes. (first 6 error code columns).
Short to ground is the second dominant error code. detection of short to gnd will overwrite error codes of
the least dominant kind (open, short to VS). Temperature prealarm and thermal shut down are the most
dominant error codes. Thermal prealarm returns error code 00 but the device still is working and returns
the appropriate operation code (bits 0..5).
Thermal shut down returns error code 00 and turns off the device. The opcode returned corresponds the
action eventually performed (bit 0..5 become 1).
For example open bridge A and simultaneously open bridge B will lead to error code 01 by performing
an AND operation between the two corresponding columns.
Electromagnetic Emission classification(EME)
Electromagnetic Emission classes presented below are typical data found on bench test. For detailed test de-
scription please refer to ’Electromagnetic Emission (EME) Measurement of Integrated Circuits, DC to 1GHz’ of
VDE/ZVEI work group 767.13 and VDE/ZVEI work group 767.14 or IEC project number 47A 1967Ed. This data
is targetedto boarddesigners to allow an estimation of emission filtering effortrequired in application.
Pin
EME class
Remark
GND
E
10
0
1
Ω test
VCC
E
e
Blocked with 100nF closemto the device
EN. SDI, CSN, CSK, SDO in tristate
K
h
SDO
G
f
SDO in low-Z state, no data transfer
Power output A1,A2,B1,B2
E
5
f
Sourcing output
Power output A1,A2,B1,B2
6
f
Sinking output in chopping mode fosc = 20kHz
Electromagnetic Emission is not tested in production.
*) Motor resistance approximatelly 10
Ω and VS = 12V. So a short to ground only is detected on one branche of the bridge. Lower resistivity of
the motor may lead to detection of short to ground on both branches of the bridge leading to code 10 on all steps.
L9935
15/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com