Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9935
Description  TWO-PHASE STEPPER MOTOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 11Page - STMicroelectronics L9935 Datasheet HTML 12Page - STMicroelectronics L9935 Datasheet HTML 13Page - STMicroelectronics L9935 Datasheet HTML 14Page - STMicroelectronics L9935 Datasheet HTML 15Page - STMicroelectronics L9935 Datasheet HTML 16Page - STMicroelectronics L9935 Datasheet HTML 17Page - STMicroelectronics L9935 Datasheet HTML 18Page - STMicroelectronics L9935 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
STAND
BY
OFF
OFF
ON
11
ON
01
DEVICE ON
CHECKS FOR
ERRORS 11
CHECKING
FOR ERRORS
01
CHECKING
FOR ERRORS
10
LOGIC
SELECTS
BRANCHE
DEPENDING
ON PREVIOUS
STATE
ON
CHECKING
FLYBACK 6
turn on
new telegram
no error
new telegram
new
telegram
new
telegram
new telegram current = 0
new
telegram
missing
flyback
different polar ity
shor t
to gnd
shor t to VS
no shor t
no shor t
same polarity as before
shor t to VS
short
to gnd
shor
t
to
gnd
shor t
to VS
shor
t
to
VS
shor
t to
gnd
short
to VS
shor
t to
gnd
new telegram
same polarity
flyback OK
or reverse polarity
than before
D99AT441
Figure 11. State diagram.
Remark: Return to stand by is possible from every state
Note: Reversing polarity in low current mode no flyback check will be performed.
Electromagnetic Emission classification(EME)
Electromagnetic Emission classes presentel below are typical data found on bench test. For detailed test
description please refer to ’Electromagnetic Emission (EME) Measurement of Integrated Circuits, DC to
1GHz’ of VDE/ZVEI work group 767.13 and VDE/ZVEI work group 767.14 or IEC project number 47A
1967Ed. This data is targeted to board designers to allow an estimation of emission filtering effort re-
quired in application.
Pin
EME class
Remark
GND
E
10
o
1
Ω test
VCC
E
e
Blocked with 100nF close to the device
EN, SDI, CSN, SCK, SDO in tristate
K
h
SDO
G
f
SDO in low-state, no data transfer
Power output A1,A2,B1,B2
E
5
f
Sourcing output
Power output A1,A2,B1,B2
6
f
Sinking output in chopping mode fOSC = 20kHz
Electromagnetic Emission is not tested in production.
L9935
16/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com