Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9935
Description  TWO-PHASE STEPPER MOTOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 4Page - STMicroelectronics L9935 Datasheet HTML 5Page - STMicroelectronics L9935 Datasheet HTML 6Page - STMicroelectronics L9935 Datasheet HTML 7Page - STMicroelectronics L9935 Datasheet HTML 8Page - STMicroelectronics L9935 Datasheet HTML 9Page - STMicroelectronics L9935 Datasheet HTML 10Page - STMicroelectronics L9935 Datasheet HTML 11Page - STMicroelectronics L9935 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
turn off delay
due to slope
velocity control
∆I
VOSC
VSRB
total current consumption
current
threshold 1
current
threshold 2
VSRA
IVS
D99AT421
Figure 5. Pulse diagram to explain offset chopping.
Using offset chopping the changes of the supply current remain half as large as using non offset chop-
ping.
Turning off the oscillator for example by shorting pin OSC to ground will hinder turning on of the bridges
anymore after the comparators have generated a turn off signal.
External clocking is possible overdriving the charge and discharge currents of the oscillator for example
with a push pull logic gate. So several devices can be synchronized.
Protection and Diagnosis Functions
The L9935 provides several protection functions and error detection functions. Current limitation usually
is customer defined by the external current sense resistors. The current sensed there is used to regulate
the current through the stepper motor windings by pulse width modulation. This PWM regulation protects
the sink transistors. The source transistors are protected by an internal overcurrent shut down turning off
the source transistors in case of overload.
Overload detection of the source transistor will turn off the bridge and set the corresponding error flag.
To turn on the bridge again a new byte must be written into the interface. (Rising slope of CSN resets
the overload error flag).
Both bridges use the same flags. To locate which bridge is affected by an error the bridges can be
tested individually (One bridge just is turned off to check for the error in the other bridge).
Short from an Output to the Supply Voltage VS
The current will be limited by the pulse width modulator. The sink transistor will turn off again after some
microseconds. The transistor will periodically be turned on again by the oscillator 8 times. After having
detected short 8 times the low side transistor will remain off until the next data transfer took place. After
detection of a short to VS we suggest to turn off the corresponding bridge to reduce power dissipation
for at least 1ms.
L9935
8/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com