Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9935
Description  TWO-PHASE STEPPER MOTOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 6Page - STMicroelectronics L9935 Datasheet HTML 7Page - STMicroelectronics L9935 Datasheet HTML 8Page - STMicroelectronics L9935 Datasheet HTML 9Page - STMicroelectronics L9935 Datasheet HTML 10Page - STMicroelectronics L9935 Datasheet HTML 11Page - STMicroelectronics L9935 Datasheet HTML 12Page - STMicroelectronics L9935 Datasheet HTML 13Page - STMicroelectronics L9935 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Diagnosis of a Short to Ground
Detecting an overload will set an overcurrent error (Error2 = LOW) (bit6). To reset the error flag a new
byte must be written into the interface. (Reset of the error flag takes place at the rising slope of CSN).
Shorted Load
With a shorted load both, the sink- and the source protection or the PWM alone will respond. In either
case there will be no flyback pulse.
Diagnosis of a Shorted Load
Shorting the load two events may take place:
- overload (of the high side transistor) while low side transistor overcurrent is detected will set the
following combinations:
bit6 = LOW
bit7 = HIGH
- overload is marginal. So the low side driver may turn off before overload is detected. This leads to the
combination bit6 = HIGH and bit7 = LOW.
Open Load
An open load will not lead to any flyback pulses. Error detection will take advantage of the flyback pulse.
Missing the flyback pulse after reversing the polarity of a motor winding bit7 will become LOW.
Open load will not be tested in the low current mode (current bits HL) to avoid the risk of instable diagno-
sis at low flayback currents. Open load immediately after reset or power down may on random be de-
tected in the low current mode too. This diagnosis however will not persist longer than 8 changes of po-
larity. We strongly suggest to test open load at a high current mode (combination LH or LL).
Overtemperature Prealarm
Typically 20K before thermal shut down takes place an overtemperature prealarm (bit7 and bit6 low)
takes place. Typically overtemperature prealarm temperature is between 150
°C and 160°C.
Application hints using a high resistive stepper motor
The L9935 was originally targeted on stepper chopping stepper motor application with typical resis-
tances of 8..12W. Using motors with higher resistance will work too but diagnosis behaviour will slightly
change. This paragraph shows the details that should be taken in account using diagnosis for high resis-
tive motors.
Startup behaviour:
The device has simple digital filter to avoid triggering diagnosis at a single event that could be random
noise. This digital filter needs 4 chopping pulses to settle. Using a high resistive motor this chopping
does not take place. Instead the digital filter samples each time a polarty change takes place. So the first
three response telegrams after reset may show an ’open load’ error.
Inpu t data
High resistive motor (error bits)
Low resistive motor (error bits)
Standby
1st telegram (550mA or 900mA)
HH
HH
Reverse phase (550mA or 900mA)
XH
HH
Reverse phase (550mA or 900mA)
XH
HH
Any data
XH
HH
Any data
HH
HH
H means check for HIGH at the error bits.
X means don’t care because filter is not yet settled.
L9935
10/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com