Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9935
Description  TWO-PHASE STEPPER MOTOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 3 Page - STMicroelectronics

  L9935 Datasheet HTML 1Page - STMicroelectronics L9935 Datasheet HTML 2Page - STMicroelectronics L9935 Datasheet HTML 3Page - STMicroelectronics L9935 Datasheet HTML 4Page - STMicroelectronics L9935 Datasheet HTML 5Page - STMicroelectronics L9935 Datasheet HTML 6Page - STMicroelectronics L9935 Datasheet HTML 7Page - STMicroelectronics L9935 Datasheet HTML 8Page - STMicroelectronics L9935 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ELECTRICAL CHARACTERISTICS (8V
≤ VS ≤ 24V; -40°C ≤ Tj ≤ 150°C; 4.5V ≤ VCC ≤ 5.5V, unless oth-
erwise specified.)
1)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
IS85
Total Supply Current
IS +IVCC (Both Bridges Off)
VS = 14V
EN = HIGH
TJ
≤ 85°C
40
100
µA
ISOP
Operating Supply Current
IOUT Ai/Bi =0
fOSC = 30kHz
VS = 14V
4.5
mA
ICC
5V Supply Current
EN = LOW
1.4
10
mA
FULL BRIDGES
ROUT, Sink
RDSON of Sink Transistors
Current bit
combinations LL, LH,
VS
≥ 12V
0.4
0.7
Ω
ROUT, Source
RDSON of Source Transistors
0.4
0.7
Ω
ROUT8, Sink
RDSON of Sink Transistors +
RDSON of Source Transistors
Current bit
Combinations LL, LH,
VS =8V
1.6
3
Ω
VFWD
Forward Voltage of the DMOS
Body Diodes
EN = HIGH
IFWD = 1A; VS
≥ 12V
1
1.4
V
VREV
Reverse DMOS Voltage
EN = LOW
IREV =1A
0.5
0.9
V
tr,tf
Rise and Fall Time of Outputs
OUTAi/Bi
0.1...0.9 VOUT VS = 14V
Chopping 550mA
0.3
0.6
1.5
µs
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage
-0.3 to 35
V
VSPulsed
Pulsed supply voltage T < 400ms
-0.3 to 40
V
VOUT (Ai/Bi)
Output Voltages
internally clamped to VS
or GND depending on the
current direction
IOUT (Ai/Bi)
DC Output Currents
Peak Output Currents (T/tp
≥ 10)
±1.2
±2.5
A
A
VSRA/SRB
Sense Resistor Voltages
-0.3 to 6.2
V
VCC
Logic Supply Voltages
-0.3 to 6.2
V
VCDRV
Charge Pump Buffer Voltage versus VS
-0.3 to 10
V
VSCK,VSDI,
VCSN,VEN
Logic Input Voltages
-2 to 8
V
VOSC,VSDO
Oscillator Voltage Range, Logic Output
-0.3 to VCC +0.3
V
Note: ESD for all pins, except pins SDO, SRA and SRB, are according to MIL883C, tested at 2kV, corre sponding to a maximum energy
dissipation of 0.2mJ. SDO, SRA and SRB pins are tested with 800V.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Typical Thermal Resistance Junction to Case
5
°C/W
Rth j-amb
Typical Thermal Resistance Junction to Ambient
(6cm
2 Ground Plane 35
µm Thhickness)
35
°C/W
Rth j-amb, FR4
Typical Thermal Resistance Junction to Ambient
(soldered on a FR 4 board with through holes for heat transfer
and external heat sink applied)
8
°C/W
TS
Storage Temperature
-40 to 150
°C
TSD
Typical Thermal Shut-Down Temperature
180
°C
L9935
3/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com