Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9935
Description  TWO-PHASE STEPPER MOTOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 3Page - STMicroelectronics L9935 Datasheet HTML 4Page - STMicroelectronics L9935 Datasheet HTML 5Page - STMicroelectronics L9935 Datasheet HTML 6Page - STMicroelectronics L9935 Datasheet HTML 7Page - STMicroelectronics L9935 Datasheet HTML 8Page - STMicroelectronics L9935 Datasheet HTML 9Page - STMicroelectronics L9935 Datasheet HTML 10Page - STMicroelectronics L9935 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
No current:
Bit 5, bit 4 (corresponding bit 2 and bit1 for bridge
B) both are HIGH, the current logic will inhibit all
drivers D11,D12,D21,D22 turning off M11,M12,
M21,M22 independently from the signal of the cur-
rent sense comparator comp 1.
Turning on:
Changing bit 5 or bit 4 or both to LOW will turn on
either M11 and M22 or M21 and M12 (depending on
the phase signal bit 3). Current will start to flow
through the load. The current will be sensed by
the drop across R1.
The threshold of the comparator comp 1 depends
on the current settings of bit 5 and bit 4.
The current will rise until it exceeds the turn off
threshold of comp 1.
Chopping:
Exceeding the threshold of comp 1 the drive logic
will turn off the sink transistor (M12 or M22). The
sink transistor periodically is turned on again by
the oscillator. Immediately after turning on M12 or
M22 the comparator comp 1 will be inhibited for a
certain time to blank switch over spikes caused
by capacitive load components up to 5 nF.
Turning off for example M12 will yield a flyback
current through D11. (So now the free wheeling
current flows through M21, the load and D11).
This leads to a slow current decay during flyback.
Maximum duty cycles of more than 85% (at fOSC
= 25kHz) are possible. In this case current flows
of both bridges will overlap (not shown in Fig. 5).
Reversing phase:
Suppose the current flowed via M21, the load and
M12 before reversing phase. Reversing phase
M21 and M12 will be turned off. So now the cur-
rent will flow through D22, the load and D11. This
leads to a fast current decay.
Chopper control by oscillator
Both chopping circuits work with offset phase.
One chopper will switch on the bridge at the
maximum voltage of the oscillator while the other
chopper will switch on the bridge at minimum
voltage of the oscillator.
MS1 and MS2 blank switching spikes that could
lead to errors of the current control circuit.
SRA
SRB
OSC
COSC
MS1
MS2
Comp1
inhibit
inhibit
D99AT420
+
+
-
-
Comp2
Dr1
OSCILLATOR
Dr2
RES2
RES1
R
R
S
S
MOS DRIVERS
RESET
DOMINANT
RESET
DOMINANT
RSFF1
RSFF2
fOSC=
iOSC
2.46V · COSC
Figure 4. Principal chopper control circuit.
L9935
7/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com