Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9935
Description  TWO-PHASE STEPPER MOTOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 9Page - STMicroelectronics L9935 Datasheet HTML 10Page - STMicroelectronics L9935 Datasheet HTML 11Page - STMicroelectronics L9935 Datasheet HTML 12Page - STMicroelectronics L9935 Datasheet HTML 13Page - STMicroelectronics L9935 Datasheet HTML 14Page - STMicroelectronics L9935 Datasheet HTML 15Page - STMicroelectronics L9935 Datasheet HTML 16Page - STMicroelectronics L9935 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SDO
SCK
CSN
CSN
µP
SDO
SDI
SCK
CSN
SCK
CSN
SCK
SDO
SDI
SDO
SDI
no.1
no.2
no.3
D99AT438
Figure 8. Cascading Several Stepper motor drivers.
byte for no. 3
byte for no. 2
byte for no. 1
SCK
EN
CSN
D99AT439
QXX
SDO
of
µP
Figure 9. Control sequence for 3 Stepper motor drivers.
Test condition for all propagation times (unless otherwise specified)
HIGH
≥ 3V; LOW ≤ 0.8V; tr,tf = 10ns, Enable: ENN Low < 0.8V, ENN High > Vcc -0.8V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fSCLK
SCK-Frequency
DC
2MHz
t1
SCK stable before and after
CSN = 0
100
ns
tch
Width of SCK high pulse
200
ns
tcl
Width of SCK low pulse
200
ns
tsu
SDI setup time
80
ns
tsh
SDI hold time
80
ns
td
SDO delay time (CL = 50pF)
100
ns
tzc
SDO high Z CSN high
100
ns
ten_sck
Setup time ENABLE to SCK
HIGH > VCC -1.2V
30
µs
tpd
Propagation delay SPI to
output QXX
2 (*)
µs
(*) Measured at a transition from High impedance (Bridge off) to bridge on. (Reversing polarity takes about 1
µs longer because the bridge first
turns off before turning on in reverse direction).
Table of bits
bit5,bit4 : current range of bridge A (Outputs A1 and A2)
bit3
: polarity of bridge A
bit2,bit1 : current range of bridge B (Outputs B1 and B2)
bit0
: polarity of bridge B
bit7,bit6 : Error1 and Error 2
Cascading several Devices
Cascading several devices can be done using the SDO output to pass data to the next device. The
whole frame now consists of n byte. n is the number of devices used.
L9935
13/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com