Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN2053_E Datasheet (PDF) - Shanghai Natlinear Electronics Co., Ltd.

LN2053_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.
Part # LN2053_E
Download  LN2053_E Download
File Size   297.97 Kbytes
Page   11 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description 1A is compatible with the USB interface, linear battery management chip

LN2053_E Datasheet (PDF)

Go To PDF Page Download Datasheet
LN2053_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.

Part # LN2053_E
Download  LN2053_E Click to download

File Size   297.97 Kbytes
Page   11 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description 1A is compatible with the USB interface, linear battery management chip

LN2053_E Datasheet (HTML) - Shanghai Natlinear Electronics Co., Ltd.


LN2053_E Product details

■ Features
 Programmable charge current up to 1A
 No MOSFET, sense resistor or blocking diode required
 Complete linear charger in small package for single cell lithium-ion batteries
 Constant-current/constant-voltage operation with thermal regulation to maximize charge rate without risk of overheating
 Charges single cell li-ion batteries directly from USB port
 Preset 4.2V charge voltage with 1% accuracy, also can be adjusted by FB
 Monitor output charge current
 Automatic recharge
 Charge status output pin
 1/10 charge current termination
 25μA supply current in shutdown
 2.9V trickle charge threshold
 Soft-Start limits inrush current
 Output with protection against anti-irrigation
 Available in SOP-8 Package
■ General Description
The LN2053 is a constant- current / constant- voltage charger circuit for single cell lithium-ion batteries. The device includes an internal power transistor, does not need external current sense resistor and blocking diode in applications. LN2053 requires minimal external components, and meet the USB bus specification, is very suitable for portable applications in the field.
Thermal modulation circuit can control the chip temperature in a safe range when the device power dissipation is relatively large or the ambient temperature is higher. Within a fixed constant charge voltage 4.2V, can also be adjusted by an external resistor. Charge current set by an external resistor.
When the input voltage (AC adapter or USB power supply) power is lost, LN2053 automatically enters a low power sleep mode, and then the battery current consumption is less than 3μA. Built-in protection circuits against irrigation, when the battery voltage is higher than the input voltage, automatically turn off built-in power MOSFET. Other features include low input voltage latch, automatic recharge, the battery temperature protect and charge status / charge status indication functions.LN2053 uses thermally enhanced 8-pin small outline package eOP-8.
■ Applications
 Mobile phones
 Digital cameras
 MP4 player
 Bluetooth applications
 Electronic dictionary




Similar Part No. - LN2053_E

ManufacturerPart #DatasheetDescription
logo
Shanghai Natlinear Elec...
LN2054_E NATLINEAR-LN2054_E Datasheet
311Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
Feb. 24, 2016
More results


Similar Description - LN2053_E

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD8079 SHOUDING-SD8079 Datasheet
1Mb / 7P
Programmable voltage and current linear battery management chip
logo
Shenzhen Huazhimei Semi...
HM4059 HMSEMI-HM4059 Datasheet
810Kb / 9P
Programmable voltage and current linear battery management chip
HM4054R HMSEMI-HM4054R Datasheet
1Mb / 10P
Monolithic miniature linear battery management chip
HM5159B HMSEMI-HM5159B Datasheet
1Mb / 11P
Monolithic miniature linear battery management chip
HM4056C HMSEMI-HM4056C Datasheet
708Kb / 9P
1.0A Linear battery management chip compatible with USB interface
HM4055 HMSEMI-HM4055 Datasheet
1,005Kb / 10P
Monolithic miniature linear battery management chip with thermal regulation function
HM4054C HMSEMI-HM4054C Datasheet
963Kb / 10P
Monolithic miniature linear battery management chip with thermal regulation function
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
A4052 AITSEMI-A4052 Datasheet
459Kb / 11P
BATTERY MANAGEMENT 1A IS COMPATIBLE WITH THE USB INTERFACE, LINEAR BATTERY MANAGEMENT CHIP
REV1.0
logo
Guangdong Youtai Semico...
TP4054 UMW-TP4054 Datasheet
668Kb / 11P
Micro Linear Battery Management Chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com