Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN2053_E Datasheet(PDF) 8 Page - Shanghai Natlinear Electronics Co., Ltd.

Part # LN2053_E
Description  1A is compatible with the USB interface, linear battery management chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.

LN2053_E Datasheet(HTML) 8 Page - Shanghai Natlinear Electronics Co., Ltd.

Back Button LN2053_E Datasheet HTML 3Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 4Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 5Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 6Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 7Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 8Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 9Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 10Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 11Page - Shanghai Natlinear Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LN2053
Rev.1.1 —Aug. 20, 2015
8
www.natlinear.com
■ Application Information
Kelvin battery voltage detection
When FB and BAT shorted, the output is 3.65V. When FB and BAT opened, the output is 4.2V. If connect a resistor
between the FB pin and BAT pin, the output can be regulated from 3.65V to 4.2V.
Adjust the constant charging voltage
If connect a resistor between the LN2053 battery voltage Kelvin test input pin (FB) and the positive battery , it can increase
the battery charging voltage, as shown in Figure 3, then the positive battery voltage Vbat is:
Vbat (V) =
X
X
1.2
142.5
*
* R
3.65
305 142.5
R
When using an external resistor to adjust the charging voltage constant, due to internal and external temperature of chip
and chip production inconsistent with the process variation and other factors, may cause the accuracy of the output voltage
variation and temperature coefficient.
Application of USB and AC adapter while charging at the same time
LN2053 can not only use USB interface to charge the battery, users can also use a wall adapter to charge the battery.
Figure 3 shows the same time using the USB interface and the AC adapter to charge the battery through the LN2053 .when the
two co-exist, the AC adapter has priority. M1 is the P-channel MOSFET, M1 is used to prevent current from a wall adapter into
the USB interface, USB interface, Schottky diode D1 prevents the consumption of energy through the 1K resistor.
Figure3. While using the AC adapter and USB interfaces
Set the charge current
In constant-current mode, formula for calculating charge current: ICH = 1250V / RISET
ICH represents the charge current, units is ampere, RISET represents ISET pin to ground resistance in ohms. For example, if
you need 500mA charge current, according to the following formula: RISET = 1250V/0.5A = 2.5kΩ
In order to ensure good stability and temperature characteristics, RISET recommend the use of 1% precision metal film
resistors. By measuring the ISET pin voltage can be detected charge current. Charge current can be calculated using the
following formula: ICH = (VISET / RISET) × 1250
Battery temperature monitoring
In order to prevent the battery temperature is too high or too low on the battery damage, LN2053 internal battery
temperature monitoring of integrated circuits. Battery temperature monitoring is by measuring the TEMP pin voltage to achieve,



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com