Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN2053_E Datasheet(PDF) 9 Page - Shanghai Natlinear Electronics Co., Ltd.

Part # LN2053_E
Description  1A is compatible with the USB interface, linear battery management chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.

LN2053_E Datasheet(HTML) 9 Page - Shanghai Natlinear Electronics Co., Ltd.

Back Button LN2053_E Datasheet HTML 3Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 4Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 5Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 6Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 7Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 8Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 9Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 10Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 11Page - Shanghai Natlinear Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LN2053
Rev.1.1 —Aug. 20, 2015
9
www.natlinear.com
TEMP pin voltage is within the battery NTC thermistor and a resistor divider network, and illustrated in Figure 2.
LN2053 the TEMP pin voltage with the chip and the two thresholds VLOW VHIGH compared to confirm whether the battery
temperature exceeds the normal range. In the LN2053, VLOW were fixed in 30% × VIN, VHIGH were fixed in 60% × VIN. If the
TEMP pin voltage VTEMP <VLOW or VTEMP> VHIGH, the battery temperature is too high or too low, charging will be
suspended; If the TEMP pin voltage VTEMP VLOW and VHIGH in between, the charge cycle will continue.
Enable design
By controlling whether the ISET pin resistor connected, users can reach close LN2053 function. Figure 4:
Figure4. LN2053 Enable Design
Open-drain output status indication
LN2053has two open-drain status indication sides, CHAG and DONE, the two status indicator LEDs client can drive or
microcontroller port. CHAG used to indicate charging status, charging time, CHAG is low; DONE to indicate the charging end of
the state, when the charging end, DONE is low. When the battery temperature is outside the normal temperature range more
than 0.15 seconds, CHAG and the DONE pin is high impedance output state.
When the battery charger not received, the charger will quickly charge the output capacitor to the constant voltage value, as the
battery voltage detection Kelvin FB pin input leakage current, FB pin and the BAT pin voltage will slowly down to recharge
threshold, so the FB pin and the BAT pin voltage is 150mv to form a ripple waveform, while CHAG output pulse signal that there
is no battery installed. When the battery BAT pin external connectors for the 4.7uF capacitor, the pulse period of about 2Hz. The
following table lists CHAG and the DONE pin status in each case:
State
Charge
Full
Without Battery
Error
CHAG
Always bright
Always off
Flashing
Always off
DONE
Always off
Always bright
Always bright
Always off
Note: 1. CHAG flicker frequency with external capacitor when not connect battery, generally recommended 4.7uF.The greater
the capacitance, the smaller frequency flicker.
2. The error situation: Beyond the operating temperature range (temperature too high or too low), Iset side vacant, Vin
<Vbat, Vin <3.8V and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com