Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN2053_E Datasheet(PDF) 6 Page - Shanghai Natlinear Electronics Co., Ltd.

Part # LN2053_E
Description  1A is compatible with the USB interface, linear battery management chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.

LN2053_E Datasheet(HTML) 6 Page - Shanghai Natlinear Electronics Co., Ltd.

Back Button LN2053_E Datasheet HTML 2Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 3Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 4Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 5Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 6Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 7Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 8Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 9Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 10Page - Shanghai Natlinear Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LN2053
Rev.1.1 —Aug. 20, 2015
6
www.natlinear.com
■ Electrical Characteristics
Li-ion Battery version:
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input supply voltage
Vcc
4
6.5
V
Input supply current
Icc
Charge mode,Riset=10K
200
2000
uA
Standby mode
200
500
uA
Shutdown mode(Riset not
connected,Vcc<Vbat or Vcc<Vuv)
25
50
uA
Regulated Output Voltage
Vfloat
0℃≤TA≤85℃,IBAT=40mA
3.6
3.65
3.7
V
BAT pin Current
Ibat
Riset=10k,Current mode
93
100
140
mA
Riset=1k,Current mode
930
1000
1070
mA
Riset=660,Current mode
1400
1500
1600
mA
Standby mode,Vbat=3.65V
0
-2.5
-6
uA
Shutdown mode
1
2
uA
Sleep mode,Vcc=0V
1
2
uA
Trickle charge current
Itrikl
Vbat<Vtrikl,Rprog=2k
75
100
125
mA
Trickle charge Threshold Voltage
Vtrikl
Riset=10K,Vbat Rising
2.8
2.9
3.0
V
Trickle voltage hysteresis voltage
Vtrhys
Riset=10k
60
80
110
mV
Vcc Undervoltage lockout
Threshold
Vuv
From Vcc low to high
2.9
3.0
3.1
V
Vcc undervoltage lockout
hysteresis
Vuvhys
50
80
100
mV
Manual shutdown
threshold
voltage
Vmsd
Iset pin rising
1.15
1.21
1.30
V
Iset pin falling
0.9
1.0
1.1
V
Vcc-Vbat Lockout Threshold
voltage
Vasd
Vcc from low to high
70
100
140
mV
Vcc from high to low
5
30
50
mV
C/10 Termination Current
Threshold
Iterm
Riset=10k
0.085
0.10
0.115
mA
Riset=2k
0.085
0.10
0.115
mA
PROG pin Voltage
Vprog
Riset=10k, Current mode
0.93
1.0
1.07
V
CHRG pin Output low voltage
Vdone
Idone=5mA
0.35
0.6
V
CHRG pin Output low voltage
Vchrg
Ichrg=5mA
0.35
0.6
V
Recharge Battery
threshold
Voltage
Δ Vrecg
VFLOAT - VRECHRG
300
400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com